Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3070 Datasheet(PDF) 2 Page - Global Connector Technology

Part # USB3070
Description  Micro USB Receptacle, Type B, Mid-Mount SMT, Right Angled, Bottom Mount, 1.00mm Offset, Without Peg
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GCT [Global Connector Technology]
Direct Link  https://gct.co/
Logo GCT - Global Connector Technology

USB3070 Datasheet(HTML) 2 Page - Global Connector Technology

  USB3070 Datasheet HTML 1Page - Global Connector Technology USB3070 Datasheet HTML 2Page - Global Connector Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LAST APPROXIMATELY
15PCS EMPTY CARRIER
12.0
4.0
4.0
6
P S
I/O Direction
Cover Tape
Carrier Tape
Reel
ø330
Detail F
Products P/N
USB3070
PCS/Reel
1500
4
Reels/Carton PCS/Carton
6000
350
mm
35
0m
m
Notes:
1. Peeling off force of top tape: 0.1-1.3N
2. Part Conforms to EIA-481-C Standards
3. All dimensions in millimeters
4. 10 sprocket hole pitch cumulative tolerance±0.2mm
Peel off Angle
FIRST APPROXIMATELY
15PCS EMPTY CARRIER
Protection Tape
Label
1500 pieces/reel
4 Reels
Waterproof bag
Cardboard
Triangle Liner
Carton
700x600x0.08
Detail F
120°
Ø13.5
Ø23
A
1
B
C
D
2
3
E
F
G
H
67
8
C
4
5
3rd Angle Projection
Units:
Metric (mm)
Tolerances (Except as Noted)
Length
Angle
Product Description
This drawing is confidential and
copyright of Global Connector
Technology, Ltd (GCT).
This drawing must not be copied
or disclosed without written
consent. E & OE
Not to
Scale
Drawn By
SA
Sheet No.
2/2
USB3070
Micro USB Receptacle, Type B, Mid-Mount SMT,
Right Angled, Bottom Mount, 1.00mm Offset, Without Peg
CC
USB3070
E PCN
E4
By
Detail
Revision
Part Number
Drawing Date
4th April 2011
05/12/17
Date
www.gct.co



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com