Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3070 Datasheet(PDF) 1 Page - Global Connector Technology

Part # USB3070
Description  Micro USB Receptacle, Type B, Mid-Mount SMT, Right Angled, Bottom Mount, 1.00mm Offset, Without Peg
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GCT [Global Connector Technology]
Direct Link  https://gct.co/
Logo GCT - Global Connector Technology

USB3070 Datasheet(HTML) 1 Page - Global Connector Technology

  USB3070 Datasheet HTML 1Page - Global Connector Technology USB3070 Datasheet HTML 2Page - Global Connector Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Ordering Grid
Contact Plating
30 = 30u" Gold
USB3070
30
Specifications
Material
Plastic Housing: LCP, UL94V-0, Black
Contact Terminal: Copper Alloy
Metallic Shell: Stainless Steel SUS 304 T = 0.25mm
Plating
Underplating: 50µ" Nickel
Contact Area: 30µ" Gold plating
Solder Tails: Gold Flash
Metallic Shell: Matte Tin
Electrical
Voltage Rating: 30 V AC
Current Rating: Signal (Pins 2,3,4): 1.0 A.
Power (Pins1,5): 1.8A.
Operating Temperature: -30°C to +85°C
Contact Resistance: 30 mΩ max.
Insulating Resistance: 1000 MΩ min.
Dielectric Withstand Voltage: 500V AC/minute
Mechanical & Environmental
Mating Force: 35N max.
Unmating Force: Initial 10N min.
Final 8N min after durability test
Durability: 10,000 Cycles
A
Packing Options
A = Tape & Reel
(1.5K per Reel)
4.75±0.20
0.40
2.60
1.30
3.20
7.60
10.80
PCB Edge
Designed to comply with physical, electrical and environmental
requirements of Micro USB Standard (USB2.0).
Recommended PCB Layout
as viewed from component side General Tolerance: ±0.05
Solder Area
Component Outline
0.65±0.08
9.50±0.30
7.9±0.20
0.38
7.40±0.20
0.65
6.90+0.04
-0.02
0.28±0.05
PCB Mount Orientation
5
5
Request Samples
and Quotation
12
3 4
4
3
2
1
A
1
B
C
D
2
3
E
F
G
H
67
8
C
4
5
3rd Angle Projection
Units:
Metric (mm)
Tolerances (Except as Noted)
X.X ± 0.4
X.XX ± 0.25
X.XXX ± 0.05
Length
Angle
Product Description
This drawing is confidential and
copyright of Global Connector
Technology, Ltd (GCT).
This drawing must not be copied
or disclosed without written
consent. E & OE
Not to
Scale
Drawn By
SA
Sheet No.
1/2
USB3070
Micro USB Receptacle, Type B, Mid-Mount SMT,
Right Angled, Bottom Mount, 1.00mm Offset, Without Peg
CC
USB3070
E PCN
E4
By
Detail
Revision
Part Number
Drawing Date
4th April 2011
05/12/17
Date
X.X° ± 2°
X.XX° ± 1°
X.XXX° ± 0.5°
www.gct.co


Similar Part No. - USB3070

ManufacturerPart #DatasheetDescription
logo
Global Connector Techno...
USB3075 GCT-USB3075 Datasheet
209Kb / 2P
Micro USB Receptacle, Type B, SMT, Horizontal, Bottom Mount (Standard), without Peg, with Outer Shell Stakes
4th February 2011
USB3076 GCT-USB3076 Datasheet
201Kb / 2P
Micro USB Receptacle, Type B, SMT, Horizontal, Bottom Mount w/out Peg, w/Outer Shell Stakes, w/out Mating Face Lead-In
26th August 2011
More results

Similar Description - USB3070

ManufacturerPart #DatasheetDescription
logo
FCI connector
10103593 FCI-CONNECTOR-10103593 Datasheet
203Kb / 1P
MICRO-USB B-TYPE MID-MOUNT
logo
Kycon, Inc.
KMMLX KYCON-KMMLX Datasheet
424Kb / 1P
B Type Mid-Mount Micro USB
logo
Global Connector Techno...
USB3155 GCT-USB3155 Datasheet
185Kb / 2P
Micro USB Receptacle, Type B SMT, Horizontal, Mid-Bottom Mount
9th April 2015
USB3500 GCT-USB3500 Datasheet
259Kb / 4P
Micro USB Type B Receptacle,Mid-Mount,IP67
16th January 2019
USB4050 GCT-USB4050 Datasheet
245Kb / 3P
USB Type C Receptacle Hybrid type, PCB Mid Mount, 1.00mm Offset
21st April 2016
USB4060 GCT-USB4060 Datasheet
233Kb / 3P
USB Type C Receptacle Hybrid type, PCB Mid Mount, 1.00mm Offset
21st April 2016
USB3075 GCT-USB3075 Datasheet
209Kb / 2P
Micro USB Receptacle, Type B, SMT, Horizontal, Bottom Mount (Standard), without Peg, with Outer Shell Stakes
4th February 2011
USB3080 GCT-USB3080 Datasheet
228Kb / 2P
Micro USB Receptacle, TYPE B, SMT, R/A, Bottom Mount, Optional Peg, With Shell Stakes
04th April 2011
USB3085 GCT-USB3085 Datasheet
212Kb / 2P
Micro USB Receptacle, Type AB, Surface Mount, Horizontal, Bottom Mount, Without Peg
4th April 2011
logo
Molex Electronics Ltd.
SD-105017-001 MOLEX-SD-105017-001 Datasheet
178Kb / 2P
MICRO USB BOTTOM MOUNT RECEPTACLE, B TYPE
2008.01.23
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com