Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3076 Datasheet(PDF) 2 Page - Global Connector Technology

Part # USB3076
Description  Micro USB Receptacle, Type B, SMT, Horizontal, Bottom Mount w/out Peg, w/Outer Shell Stakes, w/out Mating Face Lead-In
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GCT [Global Connector Technology]
Direct Link  https://gct.co/
Logo GCT - Global Connector Technology

USB3076 Datasheet(HTML) 2 Page - Global Connector Technology

  USB3076 Datasheet HTML 1Page - Global Connector Technology USB3076 Datasheet HTML 2Page - Global Connector Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIRST APPROXIMATELY
15PCS EMPTY CARRIER
12.0
4.0
4.0
6
P S
Ø23
Ø13.5
120°
I/O Direction
卷盘绕逆时针方向转动
Cover Tape
盖带
Carrier Tape
载带
Reel 卷筒
ø330
Detail F
Detail F
Products P/N
USB3076
PCS/Reel
1500
4
Reels/Carton PCS/Carton
6000
700x600x0.08
350m
m
350
mm
Notes注意:
1. Peeling off force of top tape: 0.1-1.3N
2. Part Conforms to EIA-481-C Standards产品符合EIA-481-C标准
3. All dimensions in millimeters 所有尺寸均是毫米
4. 10 sprocket hole pitch cumulative tolerance±0.2mm
Peel off Angle
剥离角度
FIRST APPROXIMATELY
15PCS EMPTY CARRIER
Protection Tape
保护胶带
Label
标签
1500 pieces/reel
1500 件/卷
4 Reels
4 卷轴
Waterproof bag
防水袋
Cardboard
纸板
Triangle Liner
三角形班轮
Carton
纸箱
A
1
B
C
D
2
3
E
F
G
H
67
8
C
4
5
3rd Angle Projection
Units:
Metric (mm)
Tolerances (Except as Noted)
X.X ± 0.30
X.XX ± 0.20
X.XXX ± 0.10
Length
Angle
Product Description
This drawing is confidential and
copyright of Global Connector
Technology, Ltd (GCT).
This drawing must not be copied
or disclosed without written
consent. E & OE
Not to
Scale
Drawn By
ASE
Sheet No.
2/2
USB3076
CC
USB3076
C PCN
C5
By
Detail
Revision
Part Number
Drawing Date
26th August 2011
14/02/17
Date
X.X° ± 2°
X.XX° ± 1°
X.XXX° ± 0.5°
Micro USB Receptacle, Type B, SMT, Horizontal, Bottom Mount
w/out Peg, w/Outer Shell Stakes, w/out Mating Face Lead-In
www.gct.co



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com