Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3076 Datasheet(PDF) 1 Page - Global Connector Technology

Part # USB3076
Description  Micro USB Receptacle, Type B, SMT, Horizontal, Bottom Mount w/out Peg, w/Outer Shell Stakes, w/out Mating Face Lead-In
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GCT [Global Connector Technology]
Direct Link  https://gct.co/
Logo GCT - Global Connector Technology

USB3076 Datasheet(HTML) 1 Page - Global Connector Technology

  USB3076 Datasheet HTML 1Page - Global Connector Technology USB3076 Datasheet HTML 2Page - Global Connector Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Ordering Grid
Contact Plating
30 = 30u" Gold
USB3076
30
Specifications 规格
Materials 材料
Plastic Housing 塑胶外壳: LCP, UL94V-0, Black
Contact Terminal 接触端子: Copper Alloy
Metallic Shell 金属外壳: Stainless Steel
SUS304 T = 0.25mm
Plating电镀:
Underplating 底层电镀: 50µ" Nickel
Contact Area 接触面积: 30µ" Gold plating
Solder Tails 焊接末端: Gold Flash
Metallic Shell 金属外壳: Matte Tin
Electrical 电气
Voltage Rating 电压额定值: 30 V AC
Current Rating 电流额定值: Signal(Pins 2,3,4):1.0 A.
Power (Pins1,5):1.8A.
Operating Temperature 工作温度: -30°C to +85°C
Contact Resistance 接触电阻值: 30mΩ max.
Insulating Resistance 绝缘电阻值: 1000MΩ min.
Dielectric Withstand Voltage 耐电压: 500V AC/Minute
Mechanical & Environmental 机械 & 环境
Mating Force 插入力: 35N max.
Unmating Force 拨出力: Initial 10N min.
Final 8N min after durability test.
Durability 耐久性: 10,000 Cycles
A
Packing Options
A = Tape & Reel
(1.5K per Reel)
7.15
7.40
4.75
2.60
1.30
2.75
0.90
Recommended PCB Layout
Viewed from Component Side
General Tolerance: ±0.05
Solder Area
Component Outline
PCB Edge
7.15
4.00
0.50
1.05
1.15
1.02
2.60
0.65
0.40
0.45
Designed to comply with
physical, electrical and
environmental requirements of
Micro USB Standard (USB2.0).
Pin 1
Pin 5
6.90+0.04
-0.02
2.80
PCB Mount Orientation
Pin 1
Pin 5
Pin 1
Pin 5
Pin 1
Pin 5
Request Samples
and Quotation
0.08
A
1
B
C
D
2
3
E
F
G
H
67
8
C
4
5
3rd Angle Projection
Units:
Metric (mm)
Tolerances (Except as Noted)
X.X ± 0.30
X.XX ± 0.20
X.XXX ± 0.10
Length
Angle
Product Description
This drawing is confidential and
copyright of Global Connector
Technology, Ltd (GCT).
This drawing must not be copied
or disclosed without written
consent. E & OE
Not to
Scale
Drawn By
ASE
Sheet No.
1/2
USB3076
CC
USB3076
C PCN
C5
By
Detail
Revision
Part Number
Drawing Date
26th August 2011
14/02/17
Date
X.X° ± 2°
X.XX° ± 1°
X.XXX° ± 0.5°
Micro USB Receptacle, Type B, SMT, Horizontal, Bottom Mount
w/out Peg, w/Outer Shell Stakes, w/out Mating Face Lead-In
www.gct.co


Similar Part No. - USB3076

ManufacturerPart #DatasheetDescription
logo
Global Connector Techno...
USB3070 GCT-USB3070 Datasheet
200Kb / 2P
Micro USB Receptacle, Type B, Mid-Mount SMT, Right Angled, Bottom Mount, 1.00mm Offset, Without Peg
4th April 2011
USB3075 GCT-USB3075 Datasheet
209Kb / 2P
Micro USB Receptacle, Type B, SMT, Horizontal, Bottom Mount (Standard), without Peg, with Outer Shell Stakes
4th February 2011
More results

Similar Description - USB3076

ManufacturerPart #DatasheetDescription
logo
Global Connector Techno...
USB3135 GCT-USB3135 Datasheet
202Kb / 2P
Micro USB Receptacle, Type B, SMT, Horizontal Top (Reverse) Mount, without Peg, with Outer Shell Stakes
1st June 2012
USB3155 GCT-USB3155 Datasheet
185Kb / 2P
Micro USB Receptacle, Type B SMT, Horizontal, Mid-Bottom Mount
9th April 2015
USB3160 GCT-USB3160 Datasheet
176Kb / 2P
Micro USB Receptacle, Type B,Surface Mount, Vertical, With Locating Peg & Through-Hole Shell Stakes
2nd November 2016
USB1015 GCT-USB1015 Datasheet
200Kb / 2P
USB Receptacle, Type A, Top Mid Mount, 2.32mm Offset, Thru-Hole, Horizontal, w/Shell Stakes & SMT Holdowns
14th February 2011
USB1020 GCT-USB1020 Datasheet
213Kb / 2P
USB Rec, Type A, Mid Mnt, 1.48mm Offset, Through-Hole Horizontal, Bottom Mount, w/Shell Stakes & SMT Holdowns
14th February 2011
USB1055 GCT-USB1055 Datasheet
212Kb / 3P
USB Receptacle - A Type, Horizontal SMT Top-Mid Mount, 3.48mm Offset, Plastic Peg & Shell Stakes
14th February 2011
USB1115 GCT-USB1115 Datasheet
209Kb / 2P
USB 3.0 Rec., Type A, Slim Type w/Cutaway Face, T-H, Horizontal, Mid-Bottom Mount, 9 Pin, w/Outer Shell Stakes
6th December 2013
USB3075 GCT-USB3075 Datasheet
209Kb / 2P
Micro USB Receptacle, Type B, SMT, Horizontal, Bottom Mount (Standard), without Peg, with Outer Shell Stakes
4th February 2011
USB3080 GCT-USB3080 Datasheet
228Kb / 2P
Micro USB Receptacle, TYPE B, SMT, R/A, Bottom Mount, Optional Peg, With Shell Stakes
04th April 2011
USB3090 GCT-USB3090 Datasheet
244Kb / 2P
Micro USB Receptacle, Type AB SMT, R/A, Bottom Mount, w/out Peg, w/outer shell stakes
4th April 2011
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com