Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3090 Datasheet(PDF) 2 Page - Global Connector Technology

Part # USB3090
Description  Micro USB Receptacle, Type AB SMT, R/A, Bottom Mount, w/out Peg, w/outer shell stakes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GCT [Global Connector Technology]
Direct Link  https://gct.co/
Logo GCT - Global Connector Technology

USB3090 Datasheet(HTML) 2 Page - Global Connector Technology

  USB3090 Datasheet HTML 1Page - Global Connector Technology USB3090 Datasheet HTML 2Page - Global Connector Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIRST APPROXIMATELY
15PCS EMPTY CARRIER
12.0
4.0
4.0
6
P S
Ø23
Ø13.5
120°
I/O Direction
卷盘绕逆时针方向转动
Cover Tape
盖带
Carrier Tape
载带
Reel 卷筒
ø330
Detail F
Detail F
Products P/N
USB3090-30-A
PCS/Reel
1500
4
Reels/Carton PCS/Carton
6000
Label
标签
Protection Tape
保护胶带
1500 pieces/reel
1500 件/卷
4 Reels
4 卷轴
Waterproof bag
防水袋
700x600x0.08
Cardboard
纸板
350m
m
350
mm
Triangle Liner
三角形班轮
Carton
纸箱
Notes注意:
1. Peeling off force of top tape: 0.1-1.3N
2. Part Conforms to EIA-481-C Standards产品符合EIA-481-C标准
3. All dimensions in millimeters 所有尺寸均是毫米
4. 10 sprocket hole pitch cumulative tolerance±0.2mm
Peel off Angle
剥离角度
FIRST APPROXIMATELY
15PCS EMPTY CARRIER
A
1
B
C
D
2
3
E
F
G
H
67
8
C
4
5
3rd Angle Projection
Units:
Metric (mm)
Tolerances (Except as Noted)
Length
Angle
Product Description
This drawing is confidential and
copyright of Global Connector
Technology, Ltd (GCT).
This drawing must not be copied
or disclosed without written
consent. E & OE
Not to
Scale
Drawn By
SA
Sheet No.
2/2
USB3090
CC
USB3090
E PCN
E2
By
Detail
Revision
Part Number
Drawing Date
4th April 2011
17/02/17
Date
Micro USB Receptacle, Type AB
SMT, R/A, Bottom Mount, w/out Peg, w/outer shell stakes
www.gct.co



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com