Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3090 Datasheet(PDF) 1 Page - Global Connector Technology

Part # USB3090
Description  Micro USB Receptacle, Type AB SMT, R/A, Bottom Mount, w/out Peg, w/outer shell stakes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GCT [Global Connector Technology]
Direct Link  https://gct.co/
Logo GCT - Global Connector Technology

USB3090 Datasheet(HTML) 1 Page - Global Connector Technology

  USB3090 Datasheet HTML 1Page - Global Connector Technology USB3090 Datasheet HTML 2Page - Global Connector Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Ordering Grid
Contact Plating
30 = 30u" Gold
USB3090
30
Specifications 规格:
Materials 材料:
Plastic Housing 塑胶外壳: LCP, UL94V-0, Black
Contact Terminal 接触端子: Copper Alloy
Metallic Shell 金属外壳: Stainless Steel SUS 304 T = 0.25mm
Plating电镀:
Underplating 底层电镀: 50µ" Nickel
Finish表面处理:Contact Area 接触面积: 30µ" Gold plating
Solder Tails 焊接末端: Gold Flash
Metallic Shell 金属外壳: Matte Tin
Electrical 电气规格:
Voltage Rating电压额定值: 30V AC
Current Rating电流额定值: Signal(Pins 2,3,4): 1.0 A
Power (Pins1,5): 1.8A
  Operating Temperature 工作温度: -30°C to +85°C
Contact Resistance接触电阻值: 30 mΩ max.
Insulating Resistance绝缘电阻值: 1000 MΩ min.
Dielectric Withstand Voltage耐电压: 500 V AC/Minute
Mechanical 机械性规格:
Mating Force插入力: 35N max.
Unmating Force拨出力: Initial 10N min.
Final 8N min after durability test.
Durability耐久性: 10,000 Cycles
A
Packing Options
A = Tape & Reel
(1.5K per Reel)
0.25±0.05
Recommended PCB Layout
General Tolerance: ±0.05
as viewed from component side
Solder Area
Component Outline
7.15
2.60
1.30
7.40
4.75
6.90+0.04
-0.02
3.50
2.60
1.30
2.15
0.90
4.30
0.50
1.05
0.45
2.60
1.30
0.40
7.15
Designed to comply with physical, electrical and environmental requirements of Micro
USB Standard (USB2.0), A/B types support USB On-The-GO (OTG) interface.
2.85
PCB Edge
6.20
PCB Mount Orientation
1
Request Samples
and Quotation
5
1
5
A
1
B
C
D
2
3
E
F
G
H
67
8
C
4
5
3rd Angle Projection
Units:
Metric (mm)
Tolerances (Except as Noted)
X.X ± 0.3
X.XX ± 0.20
X.XXX ± 0.10
Length
Angle
Product Description
This drawing is confidential and
copyright of Global Connector
Technology, Ltd (GCT).
This drawing must not be copied
or disclosed without written
consent. E & OE
Not to
Scale
Drawn By
SA
Sheet No.
1/2
USB3090
CC
USB3090
E PCN
E2
By
Detail
Revision
Part Number
Drawing Date
4th April 2011
17/02/17
Date
X.X° ± 2°
X.XX° ± 1°
X.XXX° ± 0.5°
Micro USB Receptacle, Type AB
SMT, R/A, Bottom Mount, w/out Peg, w/outer shell stakes
www.gct.co


Similar Part No. - USB3090

ManufacturerPart #DatasheetDescription
logo
EnOcean GmbH.
USB300 ENOCEAN-USB300 Datasheet
144Kb / 1P
USB Gateway
April 2022
logo
Global Connector Techno...
USB3070 GCT-USB3070 Datasheet
200Kb / 2P
Micro USB Receptacle, Type B, Mid-Mount SMT, Right Angled, Bottom Mount, 1.00mm Offset, Without Peg
4th April 2011
USB3075 GCT-USB3075 Datasheet
209Kb / 2P
Micro USB Receptacle, Type B, SMT, Horizontal, Bottom Mount (Standard), without Peg, with Outer Shell Stakes
4th February 2011
USB3076 GCT-USB3076 Datasheet
201Kb / 2P
Micro USB Receptacle, Type B, SMT, Horizontal, Bottom Mount w/out Peg, w/Outer Shell Stakes, w/out Mating Face Lead-In
26th August 2011
USB3080 GCT-USB3080 Datasheet
228Kb / 2P
Micro USB Receptacle, TYPE B, SMT, R/A, Bottom Mount, Optional Peg, With Shell Stakes
04th April 2011
More results

Similar Description - USB3090

ManufacturerPart #DatasheetDescription
logo
Global Connector Techno...
USB3135 GCT-USB3135 Datasheet
202Kb / 2P
Micro USB Receptacle, Type B, SMT, Horizontal Top (Reverse) Mount, without Peg, with Outer Shell Stakes
1st June 2012
USB3160 GCT-USB3160 Datasheet
176Kb / 2P
Micro USB Receptacle, Type B,Surface Mount, Vertical, With Locating Peg & Through-Hole Shell Stakes
2nd November 2016
USB1015 GCT-USB1015 Datasheet
200Kb / 2P
USB Receptacle, Type A, Top Mid Mount, 2.32mm Offset, Thru-Hole, Horizontal, w/Shell Stakes & SMT Holdowns
14th February 2011
USB1020 GCT-USB1020 Datasheet
213Kb / 2P
USB Rec, Type A, Mid Mnt, 1.48mm Offset, Through-Hole Horizontal, Bottom Mount, w/Shell Stakes & SMT Holdowns
14th February 2011
USB1055 GCT-USB1055 Datasheet
212Kb / 3P
USB Receptacle - A Type, Horizontal SMT Top-Mid Mount, 3.48mm Offset, Plastic Peg & Shell Stakes
14th February 2011
USB1115 GCT-USB1115 Datasheet
209Kb / 2P
USB 3.0 Rec., Type A, Slim Type w/Cutaway Face, T-H, Horizontal, Mid-Bottom Mount, 9 Pin, w/Outer Shell Stakes
6th December 2013
USB3075 GCT-USB3075 Datasheet
209Kb / 2P
Micro USB Receptacle, Type B, SMT, Horizontal, Bottom Mount (Standard), without Peg, with Outer Shell Stakes
4th February 2011
USB3076 GCT-USB3076 Datasheet
201Kb / 2P
Micro USB Receptacle, Type B, SMT, Horizontal, Bottom Mount w/out Peg, w/Outer Shell Stakes, w/out Mating Face Lead-In
26th August 2011
USB3080 GCT-USB3080 Datasheet
228Kb / 2P
Micro USB Receptacle, TYPE B, SMT, R/A, Bottom Mount, Optional Peg, With Shell Stakes
04th April 2011
USB3085 GCT-USB3085 Datasheet
212Kb / 2P
Micro USB Receptacle, Type AB, Surface Mount, Horizontal, Bottom Mount, Without Peg
4th April 2011
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com