Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM206ARSZ Datasheet(PDF) 9 Page - Analog Devices

Part # ADM206ARSZ
Description  0.1 μF, 5 V Powered CMOS RS-232 Drivers/Receivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM206ARSZ Datasheet(HTML) 9 Page - Analog Devices

Back Button ADM206ARSZ Datasheet HTML 5Page - Analog Devices ADM206ARSZ Datasheet HTML 6Page - Analog Devices ADM206ARSZ Datasheet HTML 7Page - Analog Devices ADM206ARSZ Datasheet HTML 8Page - Analog Devices ADM206ARSZ Datasheet HTML 9Page - Analog Devices ADM206ARSZ Datasheet HTML 10Page - Analog Devices ADM206ARSZ Datasheet HTML 11Page - Analog Devices ADM206ARSZ Datasheet HTML 12Page - Analog Devices ADM206ARSZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ADM206/ADM207/ADM208/ADM211/ADM213
Rev. D | Page 9 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
LOAD CURRENT (mA)
–
15
510
V+
15
V–
20
0
–
10
–
5
0
5
10
15
Figure 12. Charge Pump V+, V– vs. Load Current
LOAD CAPACITANCE (pF)
0
0
500
5
NEGATIVE
SLEW
50
1000
10
15
20
25
30
35
40
45
POSITIVE
SLEW
1500
2000
2500
3000
Figure 13. Transmitter Slew Rate vs. Load Capacitance
VCC (V)
–9
4.0
4.5
5.0
5.5
6.0
–7
–5
–3
–1
1
3
5
7
9
Tx O/P HIGH LOADED
Tx O/P LOW LOADED
0
Figure 14. Transmitter Output Voltage vs. VCC
LOAD CURRENT (mA)
–15
02
Tx O/P HIGH
46
8
–10
–5
0
5
10
15
Tx O/P LOW
10
Figure 15. Transmitter Output Voltage vs. Load Current
VCC (V)
0
4.5
4.7
200
100
50
V+ IMP
V– IMP
150
250
300
350
4.9
5.1
5.3
5.5
Figure 16. Charge Pump Impedance vs. VCC
CH1
CH3
5.00V
5.00V BW
CH2 5.00V M50.0
μs CH1
3.1V
V+, V– EXITING SHUTDOWN (SD)
T
T
T
SD
V+
V–
2
1
3
Figure 17. Charge Pump, V+, V– Exiting Shutdown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com