Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM206ARSZ Datasheet(PDF) 14 Page - Analog Devices

Part # ADM206ARSZ
Description  0.1 μF, 5 V Powered CMOS RS-232 Drivers/Receivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM206ARSZ Datasheet(HTML) 14 Page - Analog Devices

Back Button ADM206ARSZ Datasheet HTML 8Page - Analog Devices ADM206ARSZ Datasheet HTML 9Page - Analog Devices ADM206ARSZ Datasheet HTML 10Page - Analog Devices ADM206ARSZ Datasheet HTML 11Page - Analog Devices ADM206ARSZ Datasheet HTML 12Page - Analog Devices ADM206ARSZ Datasheet HTML 13Page - Analog Devices ADM206ARSZ Datasheet HTML 14Page - Analog Devices ADM206ARSZ Datasheet HTML 15Page - Analog Devices ADM206ARSZ Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
ADM206/ADM207/ADM208/ADM211/ADM213
Rev. D | Page 14 of 16
24
13
12
1
8.20
7.80
7.40
5.60
5.30
5.00
0.38
0.22 SEATING
PLANE
0.05 MIN
0.65
BSC
2.00 MAX
1.85
1.75
1.65
0.95
0.75
0.55
0.25
0.09
8°
4°
0°
COPLANARITY
0.10
8.50
8.20
7.90
PIN 1
COMPLIANT TO JEDEC STANDARDS MO-150AG
Figure 25. 24-Lead Shrink Small Outline Package [SSOP]
(RS-24)
Dimensions shown in millimeters
CONTROLLING DIMENSIONS ARE IN MILLIMETERS; INCH DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN
COMPLIANT TO JEDEC STANDARDS MS-013AE
0.33 (0.0130)
0.20 (0.0079)
8°
0°
0.75 (0.0295)
0.25 (0.0098)
× 45°
1.27 (0.0500)
0.40 (0.0157)
SEATING
PLANE
0.30 (0.0118)
0.10 (0.0039)
0.51 (0.0201)
0.33 (0.0130)
2.65 (0.1043)
2.35 (0.0925)
1.27 (0.0500)
BSC
28
15
14
1
18.10 (0.7126)
17.70 (0.6969)
10.65 (0.4193)
10.00 (0.3937)
7.60 (0.2992)
7.40 (0.2913)
COPLANARITY
0.10
Figure 26. 28-Lead Standard Small Outline Package [SOIC_W]
Wide Body
(RW-28)
Dimensions shown in millimeters and (inches)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com