Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM3062EBRMZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADM3062EBRMZ-R7
Description  3.0 V to 5.5 V, ±12 kV IEC ESD Protected, 500 kbps/50 Mbps RS-485 Transceivers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3062EBRMZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADM3062EBRMZ-R7 Datasheet HTML 6Page - Analog Devices ADM3062EBRMZ-R7 Datasheet HTML 7Page - Analog Devices ADM3062EBRMZ-R7 Datasheet HTML 8Page - Analog Devices ADM3062EBRMZ-R7 Datasheet HTML 9Page - Analog Devices ADM3062EBRMZ-R7 Datasheet HTML 10Page - Analog Devices ADM3062EBRMZ-R7 Datasheet HTML 11Page - Analog Devices ADM3062EBRMZ-R7 Datasheet HTML 12Page - Analog Devices ADM3062EBRMZ-R7 Datasheet HTML 13Page - Analog Devices ADM3062EBRMZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
Data Sheet
ADM3061E/ADM3062E/ADM3063E/ADM3064E/
ADM3065E/ADM3066E/ADM3067E/ADM3068E
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
analog.com
Rev. H | 10 of 25
Figure 11. ADM3062E/ADM3066E 10-Lead LFCSP Pin Configuration
Figure 12. ADM3062E/ADM3066E 10-Lead MSOP Pin Configuration
Table 9. ADM3062E/ADM3066E Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VIO
1.62 V to 5.5 V Logic Supply. Adding a 0.1 µF decoupling capacitor between the VIO pin and the GND pin is recommended.
2
RO
Receiver Output Data. This output is high when (A − B) ≥ −30 mV and low when (A − B) ≤ −200 mV. This output is tristated when the receiver
is disabled; that is, when RE is driven high.
3
DE
Driver Enable. A high level on this pin enables the driver differential outputs, A and B. A low level places the driver output into a high
impedance state.
4
RE
Receiver Enable Input. This is an active low input. Driving this input low enables the receiver, and driving it high disables the receiver.
5
DI
Transmit Data Input. Data to be transmitted by the driver is applied to this input.
6
GND
Ground.
7
NIC
No Internal Connection. This pin is not internally connected.
8
A
Noninverting Driver Output and Receiver Input. When the driver is disabled, or when VCC is powered down, Pin A is put into a high impedance
state to avoid overloading the bus.
9
B
Inverting Driver Output and Receiver Input. When the driver is disabled, or when VCC is powered down, Pin B is put into a high impedance
state to avoid overloading the bus.
10
VCC
3.0 V to 5.5 V Power Supply. Adding a 0.1 µF decoupling capacitor between the VCC pin and the GND pin is recommended.
EPAD
Exposed Pad. The exposed pad must be connected to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com