Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM3062EBRMZ-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # ADM3062EBRMZ-R7
Description  3.0 V to 5.5 V, ±12 kV IEC ESD Protected, 500 kbps/50 Mbps RS-485 Transceivers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3062EBRMZ-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADM3062EBRMZ-R7 Datasheet HTML 15Page - Analog Devices ADM3062EBRMZ-R7 Datasheet HTML 16Page - Analog Devices ADM3062EBRMZ-R7 Datasheet HTML 17Page - Analog Devices ADM3062EBRMZ-R7 Datasheet HTML 18Page - Analog Devices ADM3062EBRMZ-R7 Datasheet HTML 19Page - Analog Devices ADM3062EBRMZ-R7 Datasheet HTML 20Page - Analog Devices ADM3062EBRMZ-R7 Datasheet HTML 21Page - Analog Devices ADM3062EBRMZ-R7 Datasheet HTML 22Page - Analog Devices ADM3062EBRMZ-R7 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
Data Sheet
ADM3061E/ADM3062E/ADM3063E/ADM3064E/
ADM3065E/ADM3066E/ADM3067E/ADM3068E
THEORY OF OPERATION
analog.com
Rev. H | 19 of 25
Table 12. Truth Table Abbreviations
Letter
Description
H
High level
I
Indeterminate
L
Low level
X
Any state
Z
High impedance (off)
Table 13. Transmitting Truth Table
Supply Status
Inputs
Outputs
VIO1
VCC
RE
DE
DI
A/Y
B/Z
On
On
X
H
H
H
L
On
On
X
H
L
L
H
On
On
X
L
X
Z
Z
Off
On
X
X
X
I
I
On
Off
X
X
X
Z
Z
Off
Off
X
X
X
Z
Z
1 The VIO pin is not applicable for the ADM3061E/ADM3063E/ADM3065E/
ADM3067E.
Table 14. Receiving Truth Table
Supply Status
Inputs
Outputs
VIO1
VCC
A − B
RE
DE
RO
On
On
>−0.03 V
L
X
H
On
On
<−0.2 V
L
X
L
On
On
−0.2 V ≤ A – B ≤ −0.03 V
L
X
I
On
On
Inputs open/shorted
L
X
H
On
On
X
H
X
Z
On
Off
X
L
X
I
On
Off
X
H
X
Z
Off
On
X
L
X
I
Off
Off
X
X
X
I
1 The VIO pin is not applicable for the ADM3061E/ADM3063E/ADM3065E/
ADM3067E.
RECEIVER FAIL-SAFE
The ADM3061E/ADM3062E/ADM3063E/ADM3064E/ADM3065E/
ADM3066E/ADM3067E/ADM3068E guarantee a logic high receiver
output when the receiver inputs are shorted, open, or connected
to a terminated transmission line with all drivers disabled. This
receiver output is achieved by setting the receiver input threshold
between −30 mV and −200 mV. If the differential receiver input
voltage (A − B) is greater than or equal to −30 mV, the RO pin is
logic high.
If the (A − B) input is less than or equal to −200 mV, the RO pin is
logic low. In the case of a shorted, open circuit or terminated bus
with all transmitters disabled, the receiver differential input voltage
is pulled to 0 V, resulting in a logic high with a 30 mV minimum
noise margin.
HOT SWAP CAPABILITY
When a circuit board is inserted into a powered (or hot) backplane,
differential disturbances to the data bus can lead to data errors.
During this period, processor logic output drivers are high impe-
dance and are unable to drive the DE and RE inputs of the RS-485
transceivers to a defined logic level. Leakage currents up to ±10
µA from the high impedance state of the processor logic drivers
can cause standard complementary metal-oxide semiconductor
(CMOS) enable inputs of a transceiver to drift to an incorrect logic
level. Additionally, parasitic circuit board capacitance can cause
coupling of VCC or GND to the enable inputs. Without the hot swap
capability, these factors can improperly enable the driver or receiver
of the transceiver. When VCC or VIO rises, an internal pull-down cir-
cuit holds DE low and RE high. After the initial power-up sequence,
the pull-down circuit becomes transparent, resetting the hot swap
tolerable input.
128 TRANSCEIVERS ON THE BUS
The standard RS-485 receiver input impedance is 12 kΩ
(one unit load), and the standard driver can drive up to
32 unit loads. The ADM3061E/ADM3062E/ADM3063E/ADM3064E/
ADM3065E/ADM3066E/ADM3067E/ADM3068E transceivers have
a 1/4 unit load receiver input impedance (48 kΩ), allowing up to 128
transceivers to be connected in parallel on one communication line.
Any combination of these devices and other RS-485 transceivers
with a total of 32 unit loads or fewer can be connected to the line.
DRIVER OUTPUT PROTECTION
TheADM3061E/ADM3062E/ADM3063E/ADM3064E/ADM3065E/
ADM3066E/ADM3067E/ADM3068E feature two methods to
prevent excessive output current and power dissipation
caused by faults or by bus contention. Current-limit pro-
tection on the output stage provides immediate protection
against short circuits over the whole common-mode volt-
age range. In addition, a thermal shutdown circuit forces
the driver outputs into a high impedance state if the die tem-
perature rises excessively. This circuitry is designed to disable the
driver outputs when a die temperature of 150°C is reached. As the
device cools, the drivers are reenabled at a temperature of 140°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com