Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM3071EARZ Datasheet(PDF) 18 Page - Analog Devices

Part # ADM3071EARZ
Description  3.3 V, ±15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3071EARZ Datasheet(HTML) 18 Page - Analog Devices

Back Button ADM3071EARZ Datasheet HTML 12Page - Analog Devices ADM3071EARZ Datasheet HTML 13Page - Analog Devices ADM3071EARZ Datasheet HTML 14Page - Analog Devices ADM3071EARZ Datasheet HTML 15Page - Analog Devices ADM3071EARZ Datasheet HTML 16Page - Analog Devices ADM3071EARZ Datasheet HTML 17Page - Analog Devices ADM3071EARZ Datasheet HTML 18Page - Analog Devices ADM3071EARZ Datasheet HTML 19Page - Analog Devices ADM3071EARZ Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
ADM3070E/ADM3071E/ADM3072E/ADM3073E/ADM3074E/ADM3075E/ADM3076E/ADM3077E/ADM3078E
Rev. F | Page 18 of 20
R
D
RO
DI
DE
ADM3070E/
ADM3073E/
ADM3076E
ADM3070E/
ADM3073E/
ADM3076E
ADM3070E/
ADM3073E/
ADM3076E
ADM3070E/
ADM3073E/
ADM3076E
NOTES
1. MAXIMUM NUMBER OF NODES: 256.
2. RT IS EQUAL TO THE CHARACTERISTIC IMPEDANCE OF THE CABLE USED.
A
B
Y
Z
RO
RT
RT
R
D
RO
DI
DE
SLAVE
AB
Y
Z
R
DI
DE
B
A
Z
Y
D
R
D
RO
DI
DE
SLAVE
SLAVE
MASTER
AB
Y
Z
RE
RE
RE
RE
Figure 36. ADM3070E/ADM3073E/ADM3076E Full-Duplex RS-485 Network
R
D
RO
DI
DATA IN
DATA OUT
DE
ADM3070E/
ADM3073E/
ADM3076E
NOTES
1. RT IS EQUAL TO THE CHARACTERISTIC
IMPEDANCE OF THE CABLE USED.
A
B
Y
Z
RT
RT
RE
Figure 37. Line Repeater for ADM3070E/ADM3073E/ADM3076E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com