Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM3071EARZ Datasheet(PDF) 20 Page - Analog Devices

Part # ADM3071EARZ
Description  3.3 V, ±15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3071EARZ Datasheet(HTML) 20 Page - Analog Devices

Back Button ADM3071EARZ Datasheet HTML 12Page - Analog Devices ADM3071EARZ Datasheet HTML 13Page - Analog Devices ADM3071EARZ Datasheet HTML 14Page - Analog Devices ADM3071EARZ Datasheet HTML 15Page - Analog Devices ADM3071EARZ Datasheet HTML 16Page - Analog Devices ADM3071EARZ Datasheet HTML 17Page - Analog Devices ADM3071EARZ Datasheet HTML 18Page - Analog Devices ADM3071EARZ Datasheet HTML 19Page - Analog Devices ADM3071EARZ Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
ADM3070E/ADM3071E/ADM3072E/ADM3073E/ADM3074E/ADM3075E/ADM3076E/ADM3077E/ADM3078E
Rev. F | Page 20 of 20
ORDERING GUIDE
Model1
Temperature
Range
Package Description
Package
Option
Ordering
Quantity
ADM3070EARZ
−40°C to +85°C
14-Lead Standard Small Outline Package (SOIC_N)
R-14
ADM3070EARZ-REEL7
−40°C to +85°C
14-Lead Standard Small Outline Package (SOIC_N)
R-14
1,000
ADM3070EYRZ
−40°C to +125°C
14-Lead Standard Small Outline Package (SOIC_N)
R-14
ADM3070EYRZ-REEL7
−40°C to +125°C
14-Lead Standard Small Outline Package (SOIC_N)
R-14
1,000
ADM3071EARZ
−40°C to +85°C
8-Lead Standard Small Outline Package (SOIC_N)
R-8
ADM3071EARZ-REEL7
−40°C to +85°C
8-Lead Standard Small Outline Package (SOIC_N)
R-8
1,000
ADM3071EYRZ
−40°C to +125°C
8-Lead Standard Small Outline Package (SOIC_N)
R-8
ADM3071EYRZ-REEL7
−40°C to +125°C
8-Lead Standard Small Outline Package (SOIC_N)
R-8
1,000
ADM3072EARZ
−40°C to +85°C
8-Lead Standard Small Outline Package (SOIC_N)
R-8
ADM3072EARZ-REEL7
−40°C to +85°C
8-Lead Standard Small Outline Package (SOIC_N)
R-8
1,000
ADM3072EYRZ
−40°C to +125°C
8-Lead Standard Small Outline Package (SOIC_N)
R-8
ADM3072EYRZ-REEL7
−40°C to +125°C
8-Lead Standard Small Outline Package (SOIC_N)
R-8
1,000
ADM3073EARZ
−40°C to +85°C
14-Lead Standard Small Outline Package (SOIC_N)
R-14
ADM3073EARZ-REEL7
−40°C to +85°C
14-Lead Standard Small Outline Package (SOIC_N)
R-14
1,000
ADM3073EYRZ
−40°C to +125°C
14-Lead Standard Small Outline Package (SOIC_N)
R-14
ADM3073EYRZ-REEL7
−40°C to +125°C
14-Lead Standard Small Outline Package (SOIC_N)
R-14
1,000
ADM3074EARZ
−40°C to +85°C
8-Lead Standard Small Outline Package (SOIC_N)
R-8
ADM3074EARZ-REEL7
−40°C to +85°C
8-Lead Standard Small Outline Package (SOIC_N)
R-8
1,000
ADM3074EYRZ
−40°C to +125°C
8-Lead Standard Small Outline Package (SOIC_N)
R-8
ADM3074EYRZ-REEL7
−40°C to +125°C
8-Lead Standard Small Outline Package (SOIC_N)
R-8
1,000
ADM3075EARZ
−40°C to +85°C
8-Lead Standard Small Outline Package (SOIC_N)
R-8
ADM3075EARZ-REEL7
−40°C to +85°C
8-Lead Standard Small Outline Package (SOIC_N)
R-8
1,000
ADM3075EWYRZ
−40°C to +125°C
8-Lead Standard Small Outline Package (SOIC_N)
R-8
ADM3075EWYRZ-RL7
−40°C to +125°C
8-Lead Standard Small Outline Package (SOIC_N)
R-8
1,000
ADM3075EYRZ
−40°C to +125°C
8-Lead Standard Small Outline Package (SOIC_N)
R-8
ADM3075EYRZ-REEL7
−40°C to +125°C
8-Lead Standard Small Outline Package (SOIC_N)
R-8
1,000
ADM3076EARZ
−40°C to +85°C
14-Lead Standard Small Outline Package (SOIC_N)
R-14
ADM3076EARZ-REEL7
−40°C to +85°C
14-Lead Standard Small Outline Package (SOIC_N)
R-14
1,000
ADM3076EYRZ
−40°C to +125°C
14-Lead Standard Small Outline Package (SOIC_N)
R-14
ADM3076EYRZ-REEL7
−40°C to +125°C
14-Lead Standard Small Outline Package (SOIC_N)
R-14
1,000
ADM3077EARZ
−40°C to +85°C
8-Lead Standard Small Outline Package (SOIC_N)
R-8
ADM3077EARZ-REEL7
−40°C to +85°C
8-Lead Standard Small Outline Package (SOIC_N)
R-8
1,000
ADM3077EYRZ
−40°C to +125°C
8-Lead Standard Small Outline Package (SOIC_N)
R-8
ADM3077EYRZ-REEL7
−40°C to +125°C
8-Lead Standard Small Outline Package (SOIC_N)
R-8
1,000
ADM3078EARZ
−40°C to +85°C
8-Lead Standard Small Outline Package (SOIC_N)
R-8
ADM3078EARZ-REEL7
−40°C to +85°C
8-Lead Standard Small Outline Package (SOIC_N)
R-8
1,000
ADM3078EYRZ
−40°C to +125°C
8-Lead Standard Small Outline Package (SOIC_N)
R-8
ADM3078EYRZ-REEL7
−40°C to +125°C
8-Lead Standard Small Outline Package (SOIC_N)
R-8
1,000
1 Z = RoHS Compliant Part.
©2006–2019 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D06285-0-9/19(F)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com