Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCR1210-R100F Datasheet(PDF) 27 Page - Skyworks Solutions Inc.

Part # LCR1210-R100F
Description  PROSLIC® SINGLE-CHIP FXS SOLUTION WITH INTEGRATED SERIAL INTERFACE (ISI)
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

LCR1210-R100F Datasheet(HTML) 27 Page - Skyworks Solutions Inc.

Back Button LCR1210-R100F Datasheet HTML 23Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 24Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 25Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 26Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 27Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 28Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 29Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 30Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 31Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 46 page
background image
Si32172/3/5
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
27
Rev. 1.0 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • August 31, 2021
5. FXS Features
5.1. DC Feed Characteristics
ProSLIC internal linefeed circuitry provides completely programmable dc feed characteristics.
When in the active state, the ProSLIC operates in one of three dc linefeed operating regions: a constant-voltage
region, a constant-current region, or a resistive region, as shown in Figure 14. The constant-voltage region has a
low resistance, typically 160
. The constant-current region approximates infinite resistance.
Figure 14. Dual ProSLIC DC Feed Characteristics
5.2. Linefeed Operating States
The linefeed interface includes eight different register-programmable operating states as listed in Table 16. The
Open state is the default condition in the absence of any preloaded register settings. The device may also
automatically enter the open state in the event of a linefeed fault condition.
5.3. Line Voltage and Current Monitoring
The ProSLIC continuously monitors the TIP, RING, and battery voltages and currents via an on-chip ADC and
stores the resulting values in individual RAM locations. Additionally, the loop voltage (VTIP–VRING), loop current,
and longitudinal current values are calculated based on the TIP and RING measurements and are stored in unique
register locations for further processing. The ADC updates all registers at a rate of 2 kHz or greater.
ILOOP (mA)
I_RFEED
VTR(V)
I_ILIM
I_VLIM
Resistive Region
Constant V Region
V_VLIM
V_RFEED
V_ILIM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com