Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCR1210-R100F Datasheet(PDF) 30 Page - Skyworks Solutions Inc.

Part # LCR1210-R100F
Description  PROSLIC® SINGLE-CHIP FXS SOLUTION WITH INTEGRATED SERIAL INTERFACE (ISI)
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

LCR1210-R100F Datasheet(HTML) 30 Page - Skyworks Solutions Inc.

Back Button LCR1210-R100F Datasheet HTML 26Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 27Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 28Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 29Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 30Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 31Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 32Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 33Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 34Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 46 page
background image
Si32172/3/5
30
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
Rev. 1.0 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • August 31, 2021
6.9. DTMF Detection (Si32175 Only)
In DTMF, two tones generate a DTMF digit. One tone is chosen from four possible row tones, and one tone is
chosen from four possible column tones. The sum of these tones constitutes one of 16 possible DTMF digits.
6.10. Pulse Metering (Si32175 Only)
The pulse metering system for the Si32175 is designed to inject a 12 or 16 kHz billing tone into the audio path with
maximum amplitude of 0.5 VRMS at TIP and RING into a 200  ac load impedance. The tone is generated in the
DSP via a table lookup that guarantees spectral purity by not allowing drift. The tone will ramp up until it reaches a
host-programmed threshold, at which point it will maintain that level until instructed to ramp down, thus creating a
trapezoidal envelope.
The amplitude is controlled by an automatic gain control circuit (AGC). While the tone is ramping up, the AGC
takes the feedback audio and applies it to a band pass filter, which is programmed for the 12 or 16 kHz frequency
of interest. When the peak is detected, the ramp is stopped.
See AN340 section 2.3.9 for additional details and considerations on Pulse Metering.
6.11. DC-DC Controller
The Si32172/3/5 devices integrate a dc-dc controller to control an external tracking dc-dc converter which
generates the high voltage supply (VBAT) to the SLIC. The tracking VBAT voltage generated from a single positive
dc input is optimized to minimize power consumption by closely tracking the SLIC state, even tracking the ringing
waveforms.
The dc-dc controller output DCDRV is driven by an internal charge pump which allows it to connect directly to the
gate of the MOSFET switch of the dc-dc converter. This eliminates the need for the MOSFET predrive circuit that is
typically required when other SLICs are used with a MOSFET with VTH greater than VDD. See Table 7.
6.12. Wideband Audio
Select Si32172/3 ICs support a software-selectable wideband (50 Hz–7 kHz) and narrowband (200 Hz–3.4 kHz)
audio codec. The wideband mode provides an expanded audio band at a 16-bit, 16 kHz sample rate for enhanced
audio quality while maintaining standard telephony audio compatibility. Wideband audio samples are transmitted
and received on the PCM interface using two consecutive 8 kHz frames.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com