Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRM-05 Datasheet(PDF) 2 Page - DIWELL Electronics Co., Ltd.

Part # IRM-05
Description  5W Output Switching IRM-05 series Power Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.

IRM-05 Datasheet(HTML) 2 Page - DIWELL Electronics Co., Ltd.

  IRM-05 Datasheet HTML 1Page - DIWELL Electronics Co., Ltd. IRM-05 Datasheet HTML 2Page - DIWELL Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Block Diagram
Mechanical Specification
Derating Curve
DANUBE
DANUBE
Http://www.danube.com.tw
Http://www.danube.com.tw
IRM-05 series
5W Output Switching Power Supply
FILTER
I/P
EMI
FILTER
RECTIFIERS
&
RECTIFIERS
CONTROL
SWITCHING
PWM
POWER
DETECTION
CIRCUIT
&
FILTER
+V
-V
o
AMBIENT TEMPERATURE ( C)
(HORIZONTAL)
-20
0
10
20
30
40
50
60
70
20
40
60
80
100
Output Derating VS Input Voltage
INPUT VOLTAGE (VAC) 60Hz
85
100
95
120
115
160
140
200
180
240
220
264
90
100
80
70
60
50
40
File Name:IRM-05 2013-06-20
Case No.
Unit:inch(mm)
P/N diameter:1.04
3.5±1mm
21.5
3.6
38.5
45.7
BOTTOM
VIEW
AC/L
AC/N
-V
+V



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com