Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRM-05 Datasheet(PDF) 1 Page - DIWELL Electronics Co., Ltd.

Part # IRM-05
Description  5W Output Switching IRM-05 series Power Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.

IRM-05 Datasheet(HTML) 1 Page - DIWELL Electronics Co., Ltd.

  IRM-05 Datasheet HTML 1Page - DIWELL Electronics Co., Ltd. IRM-05 Datasheet HTML 2Page - DIWELL Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
5W Output Switching Power Supply
IRM-05 series
Features:
Features:
Universal AC input / Full range
Compact size
Protections: Short circuit / Over load / Over voltage
Cooling by free air convection
Isolation classⅡ
No load power consumption<0.1W
100% full load burn-in test
High reliability
3 years warranty
Universal AC input / Full range
Compact size
Protections: Short circuit / Over load / Over voltage
Cooling by free air convection
Isolation class
No load power consumption<0.1W
100% full load burn-in test
High reliability
3 years warranty
DANUBE
DANUBE
Http://www.danube.com.tw
Http://www.danube.com.tw
File Name:IRM-05 2013-07-09
SPECIFICATION
SPECIFICATION
MODEL
DC VOLTAGE
RATED CURRENT
CURRENT RANGE
RATED POWER
OUTPUT
LINE REGULATION
LOAD REGULATION
SETUP, RISE TIME
HOLD UP TIME (Typ.)
VOLTAGE RANGE
FREQUENCY RANGE
EFFICIENCY (Typ.)
INPUT
INRUSH CURRENT (Typ.)
WITHSTAND VOLTAGE
ISOLATION RESISTANCE
WORKING HUMIDITY
WORKING TEMP.
STORAGE TEMP., HUMIDITY
TEMP. COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
OVER VOLTAGE
AC CURRENT (Typ.)
600ms, 30ms at full load
80ms/230VAC
15ms/115VAC at full load
85 ~ 264VAC
120 ~ 370VDC
47 ~ 440Hz
71%
68%
75%
13.8 ~ 16.2V
75%
17.25 ~ 20.25V
77%
27.6 ~ 32.4V
0.12A/115VAC
0.08A/230VAC
COLD START 20A/115VAC
40A/230VAC
<0.75mA/240VAC
5.75 ~ 6.75V
3.8 ~ 4.95V
Protection type : Hiccup mode, recovers automatically after fault condition is removed
I/P-O/P:3KVAC
o
I/P-O/P:100M Ohms / 500VDC / 25 C / 70% RH
20 ~ 90% RH non-condensing
o
-30 ~ +70 C (Refer to Derating curve)
o
-40 ~ +85 C, 10 ~ 95% RH
oo
+/-0.03% /C (0 ~ 50 C)
10 ~ 500Hz, 5G 10min./1cycle, period for 60min. each along X, Y, Z axes
o
1495.8Khrs min.
MIL-HDBK-217F (25 C)
45.7*25.4*21.5mm (L*W*H)
0.04Kg; 270pcs/11.8Kg/0.97CUFT
+/-0.3%
+/-0.5%
+/-0.3%
+/-0.5%
+/-0.3%
+/-0.5%
+/-0.3%
+/-0.5%
+/-0.3%
+/-0.5%
+/-2.5%
+/-2.5%
+/-2.5%
+/-2.5%
+/-2.5%
200mVp-p
200mVp-p
240mVp-p
300mVp-p
480mVp-p
5V
3.3V
12V
15V
24V
1A
1.25A
0.42A
0.33A
0.23A
0 ~ 1A
0 ~ 1.25A
0 ~ 0.42A
0 ~ 0.33A
0 ~ 0.23A
5W
4.125W
5.04W
4.95W
5.52W
IRM-05-5
IRM-05-12
IRM-05-15
IRM-05-24
IRM-05-3.3
SAFETY STANDARDS
RIPPLE & NOISE (max.) Note.2
VOLTAGE TOLERANCE Note.3
o
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
C of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets EMC directives.
5. Length of set up time is measured at first cold start. Turning ON/OFF the power supply may lead to increase of the set up time.
ENVIRONMENT
SAFETY &
EMC
(Note 4)
PROTECTION
Protection type : Shut off o/p voltage, clamping by zener diode
Compliance to EN55022(CISPR22)Class B, EN61000-3-2,-3
EMC IMMUNITY
Compliance to EN61000-4-2,3,4,5,6,8,11, EN55024, heavy industry level, (surge L-N:1KV) criteria A
UL60950-1,TUV EN60950-1 approved
LEAKAGE CURRENT
115% ~ 190% rated output power
EMC EMISSION
Bauar
Sicherheit
egel
ge
ma
t gepruft
od
be
www.
ID 2000000000
tuv.com
wac
g
o s


Similar Part No. - IRM-05

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
IRM-05 MEANWELL-IRM-05 Datasheet
161Kb / 2P
5W Output Switching Power Supply
More results

Similar Description - IRM-05

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
NFM-05 MEANWELL-NFM-05 Datasheet
232Kb / 2P
5W Output Switching Power Supply
PM-05 MEANWELL-PM-05 Datasheet
271Kb / 2P
5W Output Switching Power Supply
PM-05 MEANWELL-PM-05_10 Datasheet
273Kb / 2P
5W Output Switching Power Supply
PS-05 MEANWELL-PS-05_09 Datasheet
567Kb / 2P
5W Single Output Switching Power Supply
PM-05 MEANWELL-PM-05_12 Datasheet
288Kb / 2P
5W Output Switching Power Supply
NFM-05 MEANWELL-NFM-05_12 Datasheet
250Kb / 2P
5W Output Switching Power Supply
IRM-05 MEANWELL-IRM-05 Datasheet
161Kb / 2P
5W Output Switching Power Supply
logo
DIWELL Electronics Co.,...
IRM-10 DIWELL-IRM-10 Datasheet
155Kb / 2P
10W Output Switching IRM-10 series Power Supply
2013-07-09
IRM-15 DIWELL-IRM-15 Datasheet
246Kb / 3P
15W Output Switching IRM-15 series Power Supply
2014-01-16
IRM-20 DIWELL-IRM-20 Datasheet
250Kb / 3P
20W Output Switching IRM-20 series Power Supply
2014-01-16
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com