Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1CZ13 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # 1CZ13
Description  SILICON PLANAR ZENER DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

1CZ13 Datasheet(HTML) 2 Page - Continental Device India Limited

  1CZ13 Datasheet HTML 1Page - Continental Device India Limited 1CZ13 Datasheet HTML 2Page - Continental Device India Limited 1CZ13 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DO-41 Glass Axial Package
DO-41, 52mm Taping Specification
On request also available in 26 mm Tape and Ammo Pack
DO-41 T&A
2.5K/ammo box
1.04 kg/2.5K pcs
10" x 3.5" x 3.5"
2.5K
12.7" x 12.7" x 20"
62.5K
30 kgs
PACKAGE
Net Weight/Qty
Details
STANDARD PACK
INNER CARTON BOX
Qty
OUTER CARTON BOX
Qty
Gr Wt
Size
Size
Packing Detail
A
A
B
DIM
MIN
MAX
A
27.90
—
B
4.06
5.51
C
0.71
0.87
D
2.03
2.72
NOTES
1. Cathode is m arked by Band.
2. All dim ensions are in mm .
1.5 R M AX.
5.50
4.50
52.0
48.0
11 D IO D E S
A ll dim ensions in m m .
LABEL
2 55
.0 m
m
TAPES
LEADER
6.0 ±1.0
± 1.0
± 2.0
52.0
6.0
FE
ED
52 mm Taping Specification
T & A indicates Axil Tape & A m mo packing (52 m m
Tape Spacing).
300 m m (m in) leader tape on every spool.
No. of em pty places allow ed 0.25% without
consecutive em pty places.
Ends of leads shall preferably not protrude beyond
the tapes.
5.
tapes so that they can not com e free in norm al
handling.
DO -41:- 2500 pcs./A m m o Pack
DIO DE AM M O PACK
73.5
mm
Com ponents shall be held sufficiently in the tape or
4.
3.
2.
1.
Continental Device India Limited
Data Sheet
Page 2 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com