Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1CZ13 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # 1CZ13
Description  SILICON PLANAR ZENER DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

1CZ13 Datasheet(HTML) 1 Page - Continental Device India Limited

  1CZ13 Datasheet HTML 1Page - Continental Device India Limited 1CZ13 Datasheet HTML 2Page - Continental Device India Limited 1CZ13 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SILICON PLANAR ZENER DIODES
1CZ 4.7 to 47V
D0 - 41
1.0W
Silicon Zener Diode-1Watt in D0-41 Package ICZ Series For Entertainment Application.
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
SYMBOL
VALUE
UNIT
Power Dissipation @ Ta=25
PD
1.0
W
Operating & Storage Junctio
Tj,Tstg
-60 to +200
deg C
Temperature Range
ELECTRICAL CHARACTERISTICS (Ta=25 deg C Unless otherwise Specified ,
Device #
VZT @
RZT @
IZT
IR @
VR
Typ
IZT
IZT
VR
Temp
(max)
Coeff of
Zener Voltage *vz
(V)
(Ohms)
(mA)
(uA)
(V)
(%/ deg C)
1CZ 4.7
4.4 - 5.0
32
20
12
1.0
- 0.02
1CZ 5.1
4.8 - 5.4
20
20
10
1.0
- 0.01
1CZ 5.6
5.2 - 6.0
15
20
10
2.0
+ 0.008
1CZ 6.2
5.8 - 6.6
10
20
10
3.0
+ 0.025
1CZ 6.8
6.4 - 7.2
8.0
20
10
4.0
+ 0.035
1CZ 7.5
7.0 - 7.9
8.0
10
10
5.0
+ 0.045
1CZ 8.2
7.7 - 8.7
8.0
10
10
6.0
+ 0.055
1CZ 9.1
8.5 - 9.6
10
10
10
7.0
+ 0.06
1CZ 10
9.4 - 10.6
15
10
10
8.0
+ 0.08
1CZ 11
10.4 - 11.6
20
10
10
8.5
+ 0.065
1CZ 12
11.4 - 12.7
20
10
10
9.0
+ 0.07
1CZ 13
12.4 - 14.1
25
5.0
10
10.0
+ 0.075
1CZ 15
13.8 - 15.6
30
5.0
10
11.0
+ 0.08
1CZ 16
15.3 - 17.1
40
5.0
10
12.0
+ 0.085
1CZ 18
16.8 - 19.1
50
5.0
10
13.5
+ 0.09
1CZ 20
18.8 - 21.2
55
5.0
10
15.0
+ 0.1
1CZ 22
20.8 - 23.3
58
5.0
10
16.0
-
1CZ 24
22.8 - 25.6
80
5.0
10
18.0
-
1CZ 27
25.1 - 28.9
80
5.0
10
20.0
-
1CZ 30
28.0 - 32.0
100
5.0
10
22.0
-
1CZ 33
31.0 - 35.0
100
5.0
10
24.0
-
1CZ 36
34.0 - 38.0
150
5.0
10
27.0
-
1CZ 39
37.0 - 41.0
200
5.0
10
30.0
-
1CZ 43
40.0 - 46.0
250
5.0
10
33.0
-
1CZ 47
44.0 - 50.0
300
5.0
10
36.0
-
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Description - 1CZ13

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
SILICON PLANAR ZENER DIODES
logo
Chongqing Pingwei Enter...
BZV85C2V7 CHONGQING-BZV85C2V7 Datasheet
61Kb / 3P
SILICON PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX84B2V4 SEMTECH_ELEC-BZX84B2V4 Datasheet
228Kb / 3P
SILICON PLANAR ZENER DIODES
logo
Zowie Technology Corpor...
MM3Z5221BH ZOWIE-MM3Z5221BH Datasheet
190Kb / 3P
SILICON PLANAR ZENER DIODES
logo
Shenzhen Jin Yu Semicon...
MM1Z2V0 HTSEMI-MM1Z2V0 Datasheet
236Kb / 4P
SILICON PLANAR ZENER DIODES
MM3Z2V2B HTSEMI-MM3Z2V2B Datasheet
675Kb / 4P
Silicon Planar Zener Diodes
ZMM1 HTSEMI-ZMM1 Datasheet
1Mb / 8P
SILICON PLANAR ZENER DIODES
logo
Continental Device Indi...
BZX85C2V7 CDIL-BZX85C2V7 Datasheet
108Kb / 3P
SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com