Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C44C11 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # C44C11
Description  NPN SILICON EPITAXIAL POWER TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

C44C11 Datasheet(HTML) 1 Page - Continental Device India Limited

  C44C11 Datasheet HTML 1Page - Continental Device India Limited C44C11 Datasheet HTML 2Page - Continental Device India Limited C44C11 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NPN SILICON EPITAXIAL POWER TRANSISTORS
C44C8, C44C11
TO - 220
Plastic Package
Medium Power Switching and Amplifier Applications
Complementary C45C Series
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
SYMBOL
C44C8
C44C11
UNIT
Collector- Emitter Voltage
VCES
70
90
V
Collector- Emitter Voltage
VCEO
60
80
V
Emitter- Base Voltage
VEBO
5
V
Collector Current Continuous
IC
4
A
Peak *
ICM
6
Base Current Continuous
IB
2
A
Power Dissipation TA=25ºC
PD
1.67
W
TC=25ºC
30
Operating & Storage Junction
Tj, Tstg
-55 to +150
ºC
Temperature Range
Thermal Resistance
Junction to Ambient
Rth (j-a)
75
ºC/W
Junction to Case
Rth (j-c)
4.2
ºC/W
ELECTRICAL CHARACTERISTICS (Tc=25º C unless specified otherwise)
DESCRIPTION
SYMBOL TEST CONDITION
MIN
TYP
MAX
UNIT
Collector- Emitter Sustaing Voltage
VCEO(sus)* IC=100mA, IB=0
C44C8
60
-
-
V
C44C11
80
-
-
V
Collector Cut off Current
ICES
VCE=Rated VCES
-
-
10
µA
Emitter Cut off Current
IEBO
VEB=5V, IC=0
-
-
100
µA
DC Current Gain
hFE*
IC=0.2A, VCE=1V
100
-
220
IC=2A, VCE=1V
20
-
-
Collector Emitter Saturation Voltage
VCE(sat) * IC=1A, IB=50mA
-
-
0.5
V
Base Emitter Saturation Voltage
VBE(sat) * IC=1A, IB=100mA
-
-
1.3
V
Dynamic Characteristics
Collector Capacitance
Ccbo
VCB=10V, IE=0
-
-
100
pF
f=1MHz
Current Gain Bandwidth Product
fT
VCE=4V, IC=20mA
-
50
-
MHz
Switching Characteristics
DESCRIPTION
SYMBOL TEST CONDITION
MIN
TYP
MAX
UNIT
Delay Time + Rise Time
td + tr
IC=1A, IB1=1B2=0.1A
-
100
-
ns
Storage Time
ts
VCC=30V, tp=25µs
500
-
ns
Fall Time
tf
-
75
-
ns
* Pulse Test Pulse Width =300ms, Duty Cycle<2%
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - C44C11

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
C44C11 RECTRON-C44C11 Datasheet
76Kb / 3P
TO-220 - Power Transistors and Darlingtons
More results

Similar Description - C44C11

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
WMBTA42 WINGS-WMBTA42 Datasheet
73Kb / 1P
NPN EPITAXIAL SILICON TRANSISTORS
logo
Continental Device Indi...
MJE13002 CDIL-MJE13002 Datasheet
153Kb / 4P
NPN EPITAXIAL SILICON POWER TRANSISTORS
logo
Micro Commercial Compon...
2SC1623-L6 MCC-2SC1623-L6_11 Datasheet
340Kb / 4P
NPN Silicon Epitaxial Transistors
2SC2873-O MCC-2SC2873-O Datasheet
299Kb / 4P
NPN Silicon Epitaxial Transistors
2SC3279-L MCC-2SC3279-L Datasheet
266Kb / 3P
NPN Silicon Epitaxial Transistors
2SC4097-P MCC-2SC4097-P Datasheet
221Kb / 3P
NPN Silicon Epitaxial Transistors
KSD1616-Y MCC-KSD1616-Y Datasheet
233Kb / 2P
NPN Silicon Epitaxial Transistors
logo
Continental Device Indi...
2N5191 CDIL-2N5191 Datasheet
136Kb / 4P
NPN EPITAXIAL SILICON POWER TRANSISTORS
BD135 CDIL-BD135 Datasheet
252Kb / 4P
NPN EPITAXIAL SILICON POWER TRANSISTORS
logo
Jinan Jing Heng Electro...
TIP41C JINGHENG-TIP41C Datasheet
1Mb / 5P
NPN Epitaxial Silicon Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com