Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C44H1 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # C44H1
Description  SILICON PLASTIC POWER TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

C44H1 Datasheet(HTML) 2 Page - Continental Device India Limited

  C44H1 Datasheet HTML 1Page - Continental Device India Limited C44H1 Datasheet HTML 2Page - Continental Device India Limited C44H1 Datasheet HTML 3Page - Continental Device India Limited C44H1 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SILICON PLASTIC POWER TRANSISTORS
C44H Series
NPN
C45H Series
PNP
TO-220
Plastic Package
ELECTRICAL CHARACTERISTICS (Tc=25ºC Unless Specified Otherwise)
CHARACTERISTICS
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Collector Cut Off Current
ICES
VBE=0, VCE=Rated VCEO
10
µA
Emitter Cut Off Current
IEBO
VEB=5V, IC=0
100
µA
Collector Emitter Saturation Voltage
VCE(sat)
IC=8A, IB=0.4A
C44H/C45H2, 5, 8, 11
1.85
V
IC=8A, IB=0.8A
1.0
C44H/C45H1, 4, 7, 10
Base Emitter Saturation Voltage
VBE(sat)
IC=8A, IB=0.8A
1.5
V
DYNAMIC CHARACTERISTICS
Collector Capacitance
CCb
VCB=10V, f=1MHz
C44H Series
130
pF
C45H Series
230
Current Gain Product
fT
IC=0.5A,VCE=10V,f=20MHz
C44H Series
50
MHz
C45H Series
40
SWITCHING TIMES
Delay And Rise Time
td+tr
IC=5A, IB1=0.5A
C44H Series
300
ns
C45H Series
135
Storage Time
ts
IC=5A, IB1= IB2= 0.5A
500
ns
C44H Series
500
C45H Series
Fall Time
tf
IC=5A, IB1= IB2= 0.5A
C44H Series
140
ns
C45H Series
100
Continental Device India Limited
Data Sheet
Page 2 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com