Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C44H1 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # C44H1
Description  SILICON PLASTIC POWER TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

C44H1 Datasheet(HTML) 1 Page - Continental Device India Limited

  C44H1 Datasheet HTML 1Page - Continental Device India Limited C44H1 Datasheet HTML 2Page - Continental Device India Limited C44H1 Datasheet HTML 3Page - Continental Device India Limited C44H1 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SILICON PLASTIC POWER TRANSISTORS
C44H Series
NPN
C45H Series
PNP
TO-220
Plastic Package
For General Purpose Power Amplification and Switching such as Output or Driver
stages in Applications such as Switching Regulators, Converters and Power Amplifiers.
ABSOLUTE MAXIMUM RATINGS
UNIT
1, 2
4, 5
7, 8
10,11
Collector Emitter Voltage
VCEO
30
45
60
80
V
Emitter Base Voltage
VEBO
5
V
Collector Current Continuous
IC
10
A
Peak (1)
IC
20
A
Total Power Dissipation Tc=25ºC
PD
50
W
Total Power Dissipation Ta=25ºC
1.67
Operating & Storage Junction
Tj, Tstg
- 55 to +150
ºC
Temperature Range
(1) Pulse width<6ms, Duty Cycle<50%
THERMAL RESISTANCE
CHARACTERISTICS
SYBMOL
Junction to Case
Rth (j-c)
Junction to Ambient
Rth (j-a)
Maximum Lead Temperature for
TL
Soldering Purpose 1/8" From Case
for 5 seconds
ELECTRICAL CHARACTERISTICS (Tc=25ºC Unless Specified Otherwise)
CHARACTERISTICS
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
DC Current
hFE
IC=2A, VCE=1V
C44H1, 4, 7, 10
35
C45H1, 4, 7, 10
C44H2, 5, 8, 11
60
C45H2, 5, 8, 11
IC=4A, VCE=1V
20
C44H1, 4, 7, 10
C45H1, 4, 7, 10
C44H2, 5, 8, 11
35
C45H2, 5, 8, 11
ºC
UNIT
ºC/W
ºC/W
C44H or C45H
RATING
SYMBOL
2.5
MAX
75
275
Continental Device India Limited
Data Sheet
Page 1 of 4
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - C44H1

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C44HKGP6100AASJ KEMET-C44HKGP6100AASJ Datasheet
457Kb / 8P
C44H Series, 330 - 440 VAC, 700 - 1,000 VDC, for PFC and AC Filter
C44HKGP6100AASK KEMET-C44HKGP6100AASK Datasheet
457Kb / 8P
C44H Series, 330 - 440 VAC, 700 - 1,000 VDC, for PFC and AC Filter
C44HKGP6100ZASJ KEMET-C44HKGP6100ZASJ Datasheet
457Kb / 8P
C44H Series, 330 - 440 VAC, 700 - 1,000 VDC, for PFC and AC Filter
C44HKGP6100ZASK KEMET-C44HKGP6100ZASK Datasheet
457Kb / 8P
C44H Series, 330 - 440 VAC, 700 - 1,000 VDC, for PFC and AC Filter
C44HKGR6100AASJ KEMET-C44HKGR6100AASJ Datasheet
76Kb / 1P
Film, Metallized Polypropylene, AC Filter, C44H, 100 uF, 5%, 1,000 V, 440 V
More results

Similar Description - C44H1

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
MJE710 CENTRAL-MJE710 Datasheet
76Kb / 1P
COMPLEMENTARY SILICON PLASTIC POWER TRANSISTORS
logo
ON Semiconductor
MJB42C ONSEMI-MJB42C Datasheet
123Kb / 8P
Complementary Silicon Plastic Power Transistors
March, 2001 ??Rev. 0
BD787 ONSEMI-BD787_06 Datasheet
78Kb / 6P
Complementary Plastic Silicon Power Transistors
February, 2006 ??Rev. 11
BD241C ONSEMI-BD241C_07 Datasheet
99Kb / 6P
Complementary Silicon Plastic Power Transistors
November, 2007 - Rev. 7
MJE243 ONSEMI-MJE243_09 Datasheet
193Kb / 6P
Complementary Silicon Power Plastic Transistors
April, 2009 ??Rev. 13
NJVMJB41CT4G ONSEMI-NJVMJB41CT4G Datasheet
131Kb / 6P
Complementary Silicon Plastic Power Transistors
May, 2013 ??Rev. 4
MJD243 ONSEMI-MJD243_16 Datasheet
112Kb / 8P
Complementary Silicon Plastic Power Transistors
September, 2016 ??Rev. 17
BD809 ONSEMI-BD809_14 Datasheet
95Kb / 4P
Plastic High Power Silicon Transistors
November, 2014 ??Rev. 8
TIP31G ONSEMI-TIP31G Datasheet
85Kb / 7P
Complementary Silicon Plastic Power Transistors
September, 2015 ??Rev. 16
TIP41G ONSEMI-TIP41G_14 Datasheet
127Kb / 7P
Complementary Silicon Plastic Power Transistors
October, 2014 ??Rev. 11
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com