Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PKMCS0909E4000-R1 Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd

Part # PKMCS0909E4000-R1
Description  Specification of Piezoelectric Sounder
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

PKMCS0909E4000-R1 Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd

  PKMCS0909E4000-R1 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd PKMCS0909E4000-R1 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd PKMCS0909E4000-R1 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd PKMCS0909E4000-R1 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd PKMCS0909E4000-R1 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd PKMCS0909E4000-R1 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd PKMCS0909E4000-R1 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd PKMCS0909E4000-R1 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd PKMCS0909E4000-R1 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Document No. JGB40-1594B
株式会社
村
田
製
作
所
Murata Manufacturing Co.,Ltd.
P. 3/11
7.
機械的性能
Physical Characteristics
試験項目
Item
試 験 条 件
Test Condition
試験後の規格
Specification
7-1
耐衝撃性
Shock
加速度 980m/s2、半波正弦波の衝撃を XYZ
の 3 方向に各 3 回印加後、測定します。
Components shall be measured after being
applied shock(980m/s2) for each three mutually
perpendicular directions to each of 3 times by
half sine wave.
第 1 表を満足しま
す。
The measured value
shall meet Table 1.
7-2
耐振動性
Vibration
Resistant
振動周波数 10~55Hz,全振幅 1.5mm の振動
を XYZ の 3 方向に各 2 時間印加後、測定しま
す。
Applying the vibration of amplitude 1.5mm and
vibration frequency 10 to 55 Hz in each of 3
perpendicular directions for 2 hours.
7-3
基板たわみ強度
Bend Strength
PCB
下図に示す様に加圧し、1回1秒の割合で5回加
圧する。
After components soldered on PCB, the load
shall be applied to the PCB as shown in below
figure for 5 times (1 second per 1 time).
基板厚み / PCB thickness : 0.8mm
単位 / unit : mm
R10
10
ø5
Supporting rod
支持台
Off center
試験部品
Sample under the test
45
45
中心位置ずれ
±1.0
PCB
load
加圧
20
Pressing rod
加圧治具



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com