Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PKMCS0909E4000-R1 Datasheet(PDF) 11 Page - Murata Manufacturing Co., Ltd

Part # PKMCS0909E4000-R1
Description  Specification of Piezoelectric Sounder
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

PKMCS0909E4000-R1 Datasheet(HTML) 11 Page - Murata Manufacturing Co., Ltd

Back Button PKMCS0909E4000-R1 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd PKMCS0909E4000-R1 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd PKMCS0909E4000-R1 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd PKMCS0909E4000-R1 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd PKMCS0909E4000-R1 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd PKMCS0909E4000-R1 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd PKMCS0909E4000-R1 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd PKMCS0909E4000-R1 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd PKMCS0909E4000-R1 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
Document No. JGB40-1594B
株式会社
村
田
製
作
所
Murata Manufacturing Co.,Ltd.
P. 11/11
13.製品保管上の注意
Notice on Product Storage
13-1 温度-10~+40℃、相対湿度15~85%で、急激な温湿度変化のない室内で保管下さい。
Please store the products in room where the temperature / humidity is stable. And avoid
such places where there are large temperature changes. Please store the products
under the following conditions :
Temperature :
-10 to +40 (degree C)
Humidity
: 15 to 85% R.H.
13-2 製品保管期限は未開梱、未開封状態にて、納入後6ヶ月間です。納入後6ヶ月以内でご使
用下さい。6ヶ月を越える場合ははんだ付け性等をご確認の上、ご使用下さい。
Expire date (Shelf life) of the products is 6 months after delivery under the conditions of
a sealed and an unopened package. Please use the products within 6 months after
delivery.
If you store the products for a long time (more than 6months), use carefully because the
products may be degraded in the solder-ability and/or rusty. Please confirm solder-ability
and characteristics for the products regularly.
13-3 酸、アルカリ、塩、有機ガス、硫黄等の化学的雰囲気中で保管されますとはんだ付け性
の劣化不良等の原因となりますので、化学的雰囲気中での保管は避けて下さい。
Please do not store the products in a chemical atmosphere (Acids, Alkali, Bases,
Organic gas, Sulfides and so on), because the characteristics may be reduced in quality,
and/or be degraded in the solder-ability due to the storage in a chemical atmosphere.
13-4 湿気、塵等の影響を避けるため、床への直置きは避けて保管下さい。
Please do not put the products directly on the floor without anything under them to avoid
damp places and/or dusty places.
13-5 直射日光、熱、振動等が加わる場所での保管は避けて下さい。
Please do not store the products in the places such as : in a damp heated place, in a
place where direct sunlight comes in, in place applying vibrations.
13-6 開梱、開封後、長期保管された場合、保管状況によっては、はんだ付け性等が劣化する
可能性があります。開梱、開封後は速やかにご使用下さい。
Please use the products immediately after the package is opened, because the
characteristics may be reduced in quality, and/or be degraded in the solder-ability due to
storage under the poor condition.
13-7 製品落下により、製品内部のセラミック素子の割れ等の原因となりますので、容易に落
下しない状態での保管とお取扱いをお願い致します。
Please do not drop the products to avoid cracking of ceramic element.
14. ! お願い
Note
14-1 ご使用に際しましては、貴社製品に実装された状態で必ず評価して下さい。
Please make sure that your product has been evaluated in view of your specifications
with our product being mounted to your product.
14-2 当製品を当製品仕様書の記載内容を逸脱して使用しないで下さい。
You are requested not to use our product deviating from this product specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com