Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFB1370 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CFB1370
Description  PNP SILICON EPITAXIAL POWER TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CFB1370 Datasheet(HTML) 1 Page - Continental Device India Limited

  CFB1370 Datasheet HTML 1Page - Continental Device India Limited CFB1370 Datasheet HTML 2Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PNP SILICON EPITAXIAL POWER TRANSISTOR
CFB1370
(9AW)
TO-220FP
Designed For AF Power Amplifier.
ABSOLUTE MAXIMUM RATINGS(Ta=25deg C)
DESCRIPTION
SYMBOL
VALUE
UNIT
Collector -Base Voltage
VCBO
60
V
Collector -Emitter Voltage
VCEO
60
V
Emitter- Base Voltage
VEBO
5.0
V
Collector Current
IC
3.0
A
Peak
ICP
6.0
A
Power Dissipation @ Ta=25 deg C
PC
2.0
W
Power Dissipation @ Tc=25 deg C
30
W
Junction Temperature
Tj
150
deg C
Storage Temperature Range
Tstg
-55 to +150
deg C
ELECTRICAL CHARACTERISTICS (Ta=25 deg C Unless Specified)
DESCRIPTION
SYMBOL TEST CONDITION
MIN
TYP
MAX
UNIT
Collector Emitter Voltage
VCEO
IC=1mA, IB=0
60
-
-
V
Collector Base Voltage
VCBO
IC=50uA, IE=0
60
-
-
V
Emitter Base Voltage
VEBO
IE=50uA,IC=0
5.0
-
-
V
Collector Cut off Current
ICBO
VCB=60V, IE=0
-
-
10
uA
Emitter Cut off Current
IEBO
VEB=4V,IC=0
-
-
10
uA
Collector Emitter Saturation Voltage
VCE(Sat) IC=2A,IB=0.2A
-
-
1.5
V
Base Emitter Saturation Voltage
VBE(Sat) IC=2A, IB=0.2A
-
-
1.5
V
DC Current Gain
hFE
IC=0.5A, VCE=5V
60
-
320
Dynamic Characteristics
Transition Frequency
ft
VCE=5V,IC=0.5A,
-
15
-
MHz
f=5MHz
Collector Output Capacitance
Cob
VCB=10V, IE=0
-
80
-
pF
f=1MHz
hFE CLASSIFICATION:-
D : 60 -120;
MARKING :
CFB
1370
D
E : 100 -200
CFB
1370
F : 160 -320
CFB
1370
F
E
Continental Device India Limited
Data Sheet
Page 1 of 2
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - CFB1370

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CFB1342 CDIL-CFB1342 Datasheet
86Kb / 2P
PNP SILICON PLASTIC POWER DARLINGTON TRANSISTOR
logo
CamdenBoss Ltd.
CFB1362 CAMDENBOSS-CFB1362 Datasheet
502Kb / 1P
6.3x25mm glass and British plug top fuses
CFB1362/10A CAMDENBOSS-CFB1362/10A Datasheet
502Kb / 1P
6.3x25mm glass and British plug top fuses
CFB1362/13A CAMDENBOSS-CFB1362/13A Datasheet
502Kb / 1P
6.3x25mm glass and British plug top fuses
CFB1362/3A CAMDENBOSS-CFB1362/3A Datasheet
502Kb / 1P
6.3x25mm glass and British plug top fuses
More results

Similar Description - CFB1370

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CSB1370 CDIL-CSB1370 Datasheet
89Kb / 3P
PNP SILICON EPITAXIAL POWER TRANSISTOR
CDB1370EF CDIL-CDB1370EF Datasheet
88Kb / 2P
PNP SILICON EPITAXIAL POWER TRANSISTOR
CSA1887 CDIL-CSA1887 Datasheet
125Kb / 3P
PNP SILICON EPITAXIAL POWER TRANSISTOR
logo
Weitron Technology
2SB834 WEITRON-2SB834 Datasheet
199Kb / 3P
PNP Silicon Epitaxial Power Transistor
logo
Thinki Semiconductor Co...
TIP42A THINKISEMI-TIP42A Datasheet
755Kb / 2P
PNP Silicon Epitaxial Power Transistor
2SA940 THINKISEMI-2SA940 Datasheet
530Kb / 3P
PNP Silicon Epitaxial Power Transistor
logo
Continental Device Indi...
MJE350 CDIL-MJE350 Datasheet
210Kb / 3P
PNP EPITAXIAL SILICON POWER TRANSISTOR
CSA1357 CDIL-CSA1357 Datasheet
81Kb / 3P
PNP EPITAXIAL SILICON POWER TRANSISTOR
CSA1156 CDIL-CSA1156 Datasheet
95Kb / 3P
PNP EPITAXIAL SILICON POWER TRANSISTOR
BD240C CDIL-BD240C Datasheet
137Kb / 3P
PNP SILICON EPITAXIAL POWER TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com