Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RP080GF Datasheet(PDF) 1 Page - 3M Electronics

Part # RP080GF
Description  3M™ VHB™ Tape RP080GF
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

RP080GF Datasheet(HTML) 1 Page - 3M Electronics

  RP080GF Datasheet HTML 1Page - 3M Electronics RP080GF Datasheet HTML 2Page - 3M Electronics RP080GF Datasheet HTML 3Page - 3M Electronics RP080GF Datasheet HTML 4Page - 3M Electronics RP080GF Datasheet HTML 5Page - 3M Electronics RP080GF Datasheet HTML 6Page - 3M Electronics RP080GF Datasheet HTML 7Page - 3M Electronics RP080GF Datasheet HTML 8Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
English
May, 2022
Last Revision Date:
Technical Data Sheet
3M™ VHB™ Tape RP+080GF
Product Description
3M™ VHB™ Tape RP+080GF is a 0.032 inch (0.8 mm) thick gray double coated acrylic foam tape with PE film liner. The multi-purpose acrylic adhesive on both sides bonds
to a broad range of high and medium surface energy substrates including metals, glass and a wide variety of paints and plastics. The conformable foam provides good
contact between substrates even when they are slightly mismatched. 3M™ VHB™ Tape RP+080GF is part of the RP tape series. Each product in this family has multi-
purpose acrylic adhesive and conformable foam but varies in thickness and liner type.
Product Features
• Fast and easy-to-use permanent bonding method provides high strength and long-term durability
• Virtually invisible fastening keeps surfaces smooth
• Can replace mechanical fasteners (rivets, welding, screws) or liquid adhesives
• Gray, 0.032 in (0.8 mm), multi-purpose adhesive and conformable acrylic foam core for good performance in a variety of applications
• Eliminate drilling, grinding, refinishing, screwing, welding and clean-up
• Creates a permanent seal against water, moisture and more
• Pressure sensitive adhesive bonds on contact to provide immediate handling strength
• Allows the use of thinner, lighter weight and dissimilar materials
Technical Information Note
The following technical information and data should be considered representative or typical only and should not be used for specification purposes.
Typical Physical Properties
Property
Values
Additional Information
Adhesive Type
Multi-Purpose Acrylic
Foam Type
Conformable Acrylic
Liner
PE Film
Liner Thickness
0.13 mm
Color
Gray
Liner Color
Red (printed)
View
EN - May, 2022
1/8
3M™ VHB™ Tape RP+110GF


Similar Part No. - RP080GF

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
RP0805 YAGEO-RP0805 Datasheet
450Kb / 9P
THIN FILM CHIP RESISTORS AUTOMOTIVE GRADE
Jul. 25, 2022 V.0
RP0805BRD07100RL YAGEO-RP0805BRD07100RL Datasheet
450Kb / 9P
THIN FILM CHIP RESISTORS AUTOMOTIVE GRADE
Jul. 25, 2022 V.0
RP0805BRD07150RL YAGEO-RP0805BRD07150RL Datasheet
450Kb / 9P
THIN FILM CHIP RESISTORS AUTOMOTIVE GRADE
Jul. 25, 2022 V.0
RP0805BRD071KL YAGEO-RP0805BRD071KL Datasheet
450Kb / 9P
THIN FILM CHIP RESISTORS AUTOMOTIVE GRADE
Jul. 25, 2022 V.0
RP0805BRD07698RL YAGEO-RP0805BRD07698RL Datasheet
450Kb / 9P
THIN FILM CHIP RESISTORS AUTOMOTIVE GRADE
Jul. 25, 2022 V.0
More results

Similar Description - RP080GF

ManufacturerPart #DatasheetDescription
logo
3M Electronics
86415 3M-86415 Datasheet
275Kb / 3P
3M??VHB??Tape
5980 3M-5980 Datasheet
268Kb / 2P
3M™ VHB™ Tape 5980, 5980WT
Sep-2017
LSE-110WF 3M-LSE-110WF Datasheet
170Kb / 3P
3M??VHB??Tape LSE Series
GPH-110GF 3M-GPH-110GF Datasheet
312Kb / 8P
3M??VHB??Tape GPH-110GF
GPH-060GF 3M-GPH-060GF Datasheet
312Kb / 8P
3M??VHB??Tape GPH-060GF
RP040GF 3M-RP040GF Datasheet
59Kb / 7P
3M™ VHB™ Tape RP040GF
May, 2022
RP060GF 3M-RP060GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP060GF
May, 2022
RP110GF 3M-RP110GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP110GF
May, 2022
RP160GF 3M-RP160GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP160GF
May, 2022
RP230GF 3M-RP230GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP230GF
May, 2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com