Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP35 Datasheet(PDF) 7 Page - Bel Fuse Inc.

Part # IP35
Description  IP68 Waterproof Connectors and Adapters
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

IP35 Datasheet(HTML) 7 Page - Bel Fuse Inc.

  IP35 Datasheet HTML 1Page - Bel Fuse Inc. IP35 Datasheet HTML 2Page - Bel Fuse Inc. IP35 Datasheet HTML 3Page - Bel Fuse Inc. IP35 Datasheet HTML 4Page - Bel Fuse Inc. IP35 Datasheet HTML 5Page - Bel Fuse Inc. IP35 Datasheet HTML 6Page - Bel Fuse Inc. IP35 Datasheet HTML 7Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
AquaConn
SMA Bulkhead Jack, Post Contact
Part Number
Material
Impedance
Maximum Frequency
VSWR
142-1701-421
Stainless Steel Passivated 50 Ohms
DC - 26.5 GHz
1.20 Max
SMA Jack to SMA Jack Bulkhead Adapter
Part Number
Material
Impedance
Maximum Frequency
Dielectric Withstanding Voltage
142-0901-431
Brass, Nickel Plated
50 Ohms
DC - 18 GHz
1,000 VRMS
1. MATERIAL AND FINISH:
1.1 BODY: BRASS, NICKEL PLATE
1.2 CONTACT: BERYLLIUM COPPER, GOLD PLATE
1.3 INSULATOR: PTFE
1.4 O-RINGS: SILICONE RUBBER
2. ELECTRICAL SPECIFICATIONS:
2.1 IMPEDANCE: 50 OHMS NOMINAL
2.2 FREQUENCY RANGE: DC-18 GHZ
2.4 INSULATION RESISTANCE: 5,000 MEGOHMS
2.3 DIELECTRIC WITHSTANDING VOLTAGE: 1,500 VRMS
3. MECHANICAL SPECIFICATIONS:
3.1 CONNECTOR DURABILITY: 250 CYCLES MIN.
3.3 CONNECTOR MEETS: MIL-STD-348 FIG. 310-2,
3.2 PANEL THICKNESS: .125 [3.2] MAX.
08/12/2021
TOMMY REN
08/12/2021
INITIAL RELEASE
142-1701-431/440
142-1701-431/440
142-1701-431
.405
ACROSS
1 FLAT
10.3
10M FOR 4 HOURS IN AN
UNMATED CONDITION.
INTERFACE
SMA JACK
SMA JACK
INTERFACE
PANEL GASKET
LOCKWASHER
CONNECTOR
WATERPROOF TO
.562 [14.3]
HEX NUT
7/16-28 UNEF-2A
.985
25.0
7.0
.276
.397
10.1
.625
15.9
MIL-PRF-39012
2.5 TEMPERATURE RATING: -65°C TO +165°C
BULKHEAD ADAPTER
SMA JACK TO SMA JACK
belfuse.com/cinch
Asia Pacific
Europe, Middle East & Africa
North America
+86 21 5442 7668
+44 (0) 1245 342060
+1 507 833 8822
ccs.asia.sales@as.cinch.com
cinchconnectivity@eu.cinch.com
ccsorders@us.cinch.com
© 2022 Cinch Connectivity Solutions
ds-johnson-aquaconn-10032022



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com