Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP35 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # IP35
Description  IP68 Waterproof Connectors and Adapters
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

IP35 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  IP35 Datasheet HTML 1Page - Bel Fuse Inc. IP35 Datasheet HTML 2Page - Bel Fuse Inc. IP35 Datasheet HTML 3Page - Bel Fuse Inc. IP35 Datasheet HTML 4Page - Bel Fuse Inc. IP35 Datasheet HTML 5Page - Bel Fuse Inc. IP35 Datasheet HTML 6Page - Bel Fuse Inc. IP35 Datasheet HTML 7Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
belfuse.com/cinch
AquaConn
IP68 Waterproof Connectors and Adapters
SMPM and SMP Compression Connectors
Introducing the Johnson waterproof interconnect family consisting of a rugged design for
harsh environments. All products meet industry-leading IP68 standards. The parts are
designed with internal gaskets along with an outer gasket. They are waterproof in an unmated
condition and designed for underwater applications including mil-aero, transportation, oil &
gas, marine and Industrial IoT. The part range consists of RF jack and plug connectors and
adapters in the SMA, TNC, MCX and MMCX families. Available in stainless steel and brass.
Features
• The SMA family operates up to 18 GHz.
• The TNC family are larger and more rugged, and operate to 11 GHz.
• Adapters include hermetically sealed connectors to 1 x 10-8 cc/sec, making them ideal
for high pressure, vacuum applications and the prevention of liquid or gas leakage.
• Ingress Protection ratings are used to specify the environmental protection of enclosures
and casings around electronic products.
• IP86 devices backed by an international standard rating of IP68 are deemed fit enough to
withstand dust, dirt and sand, and are resistant to submersion up to a maximum depth of
1.5m underwater for up to thirty minutes.
Applications
• Satellite communication equipment and base stations
• Remote monitoring communication
• Cable broadcast equipment
• GPS antennas
1st Digit Definition
0
No protection against contact and ingress of objects
1
Protect against any large surface of the body, such as the back of hand.
Protect against solid objects greater than 50mm in size.
2
Protect against access to hazardous parts by a finger or similar object.
Protected against solid objects greater than 12.5mm in size.
3
Protected against access to hazardous parts with a tool or thick wire.
Protected against solid objects greater than 2.5mm in size.
4
Protected against access to hazardous parts with a wire screw, etc.
Protected against solid objects greater than 1mm in size.
5
Protected against access to hazardous parts. Dust protected.
6
Protected against access to hazardous parts. Dust-tight.
2nd Digit Definition
0
No protection
1
Protected against water drops.
2
Protectedagainstwaterdropsata15
ºangle.
3
Protected against water spray at 60
ºangle.
4
Protected against water splashing from any angle.
5
Protected against water jets from any angle.
6
Protected against powerful water jets and heavy seas.
7
Protected against the effects of temporary submerison in water.
Test requires 30 minutes at 1 meter depth.
8
Protected against the effects of temporary submerison. Customer
specetification applies and specific testing may be required.
9K
Protects against high pressures associated with steam cleaning.
IP 6 8


Similar Part No. - IP35

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP350 SEME-LAB-IP350 Datasheet
59Kb / 6P
3 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR
IP35063 SEME-LAB-IP35063 Datasheet
57Kb / 5P
DC-DC CONVERTER CONTROL CIRCUIT
IP35063J SEME-LAB-IP35063J Datasheet
57Kb / 5P
DC-DC CONVERTER CONTROL CIRCUIT
IP350A SEME-LAB-IP350A Datasheet
59Kb / 6P
3 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR
IP3524 SEME-LAB-IP3524 Datasheet
59Kb / 6P
REGULATING PULSE WIDTH MODULATORS
More results

Similar Description - IP35

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
86024-3000 MOLEX-86024-3000 Datasheet
126Kb / 4P
LC Connectors and Adapters
86002-3000 MOLEX-86002-3000 Datasheet
63Kb / 2P
MT-RJ Connectors and Adapters
logo
OptoSupply Internationa...
OSWBXX OPTOSUPPLY-OSWBXX Datasheet
313Kb / 3P
LED Waterproof Light, IP68
logo
Amphenol Corporation
JI-103C1R2 AMPHENOL-JI-103C1R2 Datasheet
55Kb / 2P
Waterproof to IP68
logo
PowerDynamics, Inc
3352D01110 POWERDYNAMICS-3352D01110 Datasheet
264Kb / 1P
Waterproof RJ45 Jack With Cable and Plug (IP68)
3352E02010 POWERDYNAMICS-3352E02010 Datasheet
266Kb / 1P
Waterproof RJ45 Jack With Cable and Wafer (IP68)
3352F01010 POWERDYNAMICS-3352F01010 Datasheet
299Kb / 1P
Waterproof RJ45 Coupler (IP68)
3352G02630 POWERDYNAMICS-3352G02630 Datasheet
342Kb / 1P
Waterproof Cat.5e Coupler (IP68)
3351A-01 POWERDYNAMICS-3351A-01 Datasheet
185Kb / 1P
Waterproof Cap (IP68)
3351L-01 POWERDYNAMICS-3351L-01 Datasheet
185Kb / 1P
Waterproof Cable Side (IP68)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com