Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RP0302CB-R500LN-91 Datasheet(PDF) 1 Page - Vishay Barry

Part # RP0302CB-R500LN-91
Description  Alumina
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BARRY [Vishay Barry]
Direct Link  https://barryind.com/
Logo BARRY - Vishay Barry

RP0302CB-R500LN-91 Datasheet(HTML) 1 Page - Vishay Barry

  RP0302CB-R500LN-91 Datasheet HTML 1Page - Vishay Barry  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RP0302ZZ-XXXXWN-91
Alumina
SURFACE MOUNT RESISTOR
WWW.BARRYIND.COM
Features:
♦ Alumina Material
♦ .15 Watt Input Power
♦ Wrap Around
♦ .5 to 1 Mohm Available
General Description:
The RP0302ZZ-XXXXWN-91 series is a standard
wrap around resistor (.5 - 1 Mohm available). It offers
a small package design ideal for miniature electronics.
*See below for ordering options.
Barry Industries reserves the right to change part number and or process without notification.
*
R P 0302
ZZ
- XXXX
W
N
-
91
Wrap Around
Size
(N)ormal
Inspection
Resistor
Termination Material and Finish
BA -
Palladium Silver, Epoxy Mount, RoHS Compliant
CB -
Tin Lead over Nickel over Silver, Solder Mount, NOT RoHS
CT-
Matte Tin over Nickel over Silver, Solder Mount, RoHS Compliant
GA -
Gold, Epoxy Mount, Wire Bond, RoHS Complaint
Ohms
0.5
R500
1
1R00
10
10R0
50
50R0
100
1000
150
1500
1K
1001
10K
1002
100K
1003
470K
4703
1M
1004
Thickness
and Material
Tolerance
-91 - .015” Alumina
F - 1%
G - 2%
J - 5%
K - 10%
L - 20%
X = Special
n
o
it
a
n
i
g
ir
O
e
t
a
D
n
o
i
s
i
v
e
R
e
t
a
D
.
v
e
R
8
0
/
6
2
/
2
0
8
0
/
6
2
/
2
0
-
· All Dimensions in inches
· Tolerance ± .005
· Full part number
(RP0302ZZ-XXXXWN-YY)
Example part number
(RP0302CT-50R0JN-91)
· Dimensions apply before tinning
(RP0302CB-50R0JN-91)
91)
.015 Alumina
Barry Industries, Inc., 60 Walton St., Attleboro, MA 02703 T: 508-226-3350 F: 508-226-3317 E-mail: sales@barryind.com
Barry Industries maintains an ISO 9001 Certified Quality Management System


Similar Part No. - RP0302CB-R500LN-91

ManufacturerPart #DatasheetDescription
logo
Pro-Signal
RP030 PROSIGNAL-RP030 Datasheet
164Kb / 1P
High Speed HDMI to HDMI 3M Lead
V1.0 07/01/14
More results

Similar Description - RP0302CB-R500LN-91

ManufacturerPart #DatasheetDescription
logo
Vishay Barry
TVC1907CT-XXXXJN-93 BARRY-TVC1907CT-XXXXJN-93 Datasheet
164Kb / 1P
Alumina
Rev.C 02/12/08
RP0702BA-5R00GN-90 BARRY-RP0702BA-5R00GN-90 Datasheet
121Kb / 1P
Alumina
09/23/08
RK0503ZZ-XXXXWN-AA BARRY-RK0503ZZ-XXXXWN-AA Datasheet
173Kb / 1P
Alumina
09/11/07
ABC2010CT-2000JN-94-11 BARRY-ABC2010CT-2000JN-94-11 Datasheet
71Kb / 1P
Alumina
08/31/11
AT0405ZZ-XXXXJN-91 BARRY-AT0405ZZ-XXXXJN-91 Datasheet
85Kb / 1P
Alumina
03/17/11
ATC2010CT-0050JN-93 BARRY-ATC2010CT-0050JN-93 Datasheet
123Kb / 1P
Alumina
Rev.A 08/05/08
ATC2010CT-0400JN-93 BARRY-ATC2010CT-0400JN-93 Datasheet
77Kb / 1P
Alumina
Rev.00 02/04/13
ATC2010CT-2000JN-93 BARRY-ATC2010CT-2000JN-93 Datasheet
128Kb / 1P
Alumina
Rev.B 08/08/08
AV0405GA-0600JN-91 BARRY-AV0405GA-0600JN-91 Datasheet
174Kb / 1P
ALUMINA
10/11/06
ATC2525CT-0300JN-94 BARRY-ATC2525CT-0300JN-94 Datasheet
72Kb / 1P
Alumina
01/23/13
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com