Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMBD99 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # CMBD99
Description  SILICON EPITAXIAL GENERAL SWITCHING DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CMBD99 Datasheet(HTML) 2 Page - Continental Device India Limited

  CMBD99 Datasheet HTML 1Page - Continental Device India Limited CMBD99 Datasheet HTML 2Page - Continental Device India Limited CMBD99 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Tape Specification for SOT-23 Surface Mount Device
SOT-23 Package Reel Information
Reel specifications for W" Packing (13" reel)
SOT-23 Formed SMD Package
SOT-23 T&R
3K/reel
10K/reel
136 gm/3K pcs
415 gm/10K pcs
3" x 7.5" x 7.5"
9" x 9" x 9"
13" x 13" x 0.5"
12.0K
51.0K
10.0K
17" x 15" x 13.5"
19" x 19" x 19"
17" x 15" x 13.5"
192.0K
408.0K
300.0K
12 kgs
28 kgs
16 kgs
PACKAGE
Net Weight/Qty
Details
STANDARD PACK
INNER CARTON BOX
Qty
OUTER CARTON BOX
Qty
Gr Wt
Size
Size
Packing Detail
ø329.2± 0.5 / 178 ± 0.5
14.4
7.9 – 10.9
9.2± 0.5
MAX
ø100.0± 0.5 / 54.5 ± 0.5
ø
2.0± 0.5
ø20.2 MIN
DETAIL X
ø13.0
+0.5
–0.2
All dim e nsions in m m
330 / 180 m m – Antistatic Coated Plastic R eel
N O TES:
No. of Devices
8m m Ta pe
Size of Reel
330 m m (13")
10,000 Pcs
8m m Ta pe
Size of Reel
180 m m (7")
3,000 P cs
T he ba ndolier of 330 m m reel contains a t least 1 0,000 devices.
T he ba ndolier of 180 m m reel contains a t least 3 ,000 devices.
N o m ore than 0.5 % m issing devices / re el. 50 e m pty com partm e nts for 33 0 m m reel.
15 em pty com partm ents for 180 m m reel.
T hree consecutive em pty place s m ight b e found provide d this gap is fo llowed by 6
consecutive devices.
T he carrier tape (leader) starts w ith at least 75 em pty positions (e quivalen t to 330
m m ). In o rder to fix the carrier ta pe a self adhesive tape of 20 to 50 m m is applied. At
the end of the bandolier at least 40 em pty positions (eq uivalen t to 160 m m ) are there.
180
or
330
1.
2.
3.
4.
5.
1.6
MAX
1.22
2.77
8.0
±0.1
±0.10
+0.3
3.5
±0.05
±0.1
± 0.1
±0.05
±0.1
±0.05
4.0
4.0
1.55
2.0
1.75
5.75
MAX
±0.05
±0.10
3.15
1.0
- 0.1
D irection of U nreeling
A ll dim ensions in m m
± 0.02
± 0.02
1.30
0.60
0.60
7°
0.08
PARTING LINE
RO.08
0.21
6°
7°
5°
±3"
±0.05
2.50
±4"
0.08
R0.08
± 0.02
2.50
0.60
1.30
±0.05
±0.025
±0.02
3°
3°
0.60
cL
1
2
3
Continental Device India Limited
Data Sheet
Page 2 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com