Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMBD99 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CMBD99
Description  SILICON EPITAXIAL GENERAL SWITCHING DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CMBD99 Datasheet(HTML) 1 Page - Continental Device India Limited

  CMBD99 Datasheet HTML 1Page - Continental Device India Limited CMBD99 Datasheet HTML 2Page - Continental Device India Limited CMBD99 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SILICON EPITAXIAL GENERAL SWITCHING DIODE
CMBD99
SOT-23
MARKING : C7
Silicon Epitaxial General Switching Double Diode Series.
ABSOLUTE MAXIMUM RATINGS (per diode)
DESCRIPTION
SYMBOL
VALUE
UNIT
Repetitive Peak Reverse Voltage
VRM
35
V
Continuous Reverse Voltage
VR
30
V
Non- Repetitive Peak Forward Current t=1us
IFSM
4.0
A
Peak Forward Current
IFM
300
mA
Average Forward Current
IO
100
mA
Power Dissipation Ta=25 deg C
PT
150
mW
Junction Temperature
Tj
125
deg C
Storage Temperature
Tstg
-55 to +125
deg C
ELECTRICAL CHARACTERISTICS (per diode) (Ta=25 deg C Unless otherwise noted)
DESCRIPTION
SYMBOL TEST CONDITION
MIN
TYP
MAX
UNIT
Reverse Voltage Leakage Current
IR
VR=30V
-
-
100
nA
Forward Voltage
VF
IF=10mA
-
-
1.0
V
IF=50mA
-
-
1.2
V
IF=100mA
-
-
1.4
V
Diode Capacitance
CD
VR=0V, f=1MHz
-
-
4.0
pF
3
Pin Configuration
1 = ANODE
2 =
3 =
CATHODE
CATHODE
ANODE/
1
2
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - CMBD99

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
CMBD914 RECTRON-CMBD914 Datasheet
17Kb / 1P
SURFACE MOUNT ZENER DIODE?
logo
Continental Device Indi...
CMBD914 CDIL-CMBD914 Datasheet
150Kb / 4P
HIGH SPEED SWITCHING DIODE
logo
Cystech Electonics Corp...
CMBD914N3 CYSTEKEC-CMBD914N3 Datasheet
149Kb / 4P
High -Speed switching diode
More results

Similar Description - CMBD99

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
IN4148 SSE-IN4148 Datasheet
15Kb / 1P
SILICON EPITAXIAL PLANAR SWITCHING DIODE
XR-85 SSE-XR-85 Datasheet
12Kb / 1P
SILICON EPITAXIAL PLANAR SWITCHING DIODE
logo
Continental Device Indi...
1N914WS CDIL-1N914WS Datasheet
64Kb / 3P
SILICON EPITAXIAL SWITCHING DIODE
logo
SEMTECH ELECTRONICS LTD...
BAS16WS SEMTECH_ELEC-BAS16WS Datasheet
294Kb / 3P
SILICON EPITAXIAL PLANAR SWITCHING DIODE
BAS16 SEMTECH_ELEC-BAS16 Datasheet
177Kb / 2P
SILICON EPITAXIAL PLANAR SWITCHING DIODE
MMBD142W SEMTECH_ELEC-MMBD142W Datasheet
188Kb / 2P
SILICON EPITAXIAL PLANAR SWITCHING DIODE
logo
Kingtronics Internation...
1N4148WS KINGTRONICS-1N4148WS Datasheet
269Kb / 3P
Silicon Epitaxial Planar Switching Diode
1N4148WT KINGTRONICS-1N4148WT Datasheet
289Kb / 3P
Silicon Epitaxial Planar Switching Diode
logo
Continental Device Indi...
1N4148W CDIL-1N4148W Datasheet
323Kb / 4P
SILICON EPITAXIAL SWITCHING DIODE
BAS216WS CDIL-BAS216WS Datasheet
193Kb / 3P
SILICON EPITAXIAL SWITCHING DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com