Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMBT200 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # CMBT200
Description  PNP EPITAXIAL PLANAR SILICON TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CMBT200 Datasheet(HTML) 2 Page - Continental Device India Limited

  CMBT200 Datasheet HTML 1Page - Continental Device India Limited CMBT200 Datasheet HTML 2Page - Continental Device India Limited CMBT200 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELECTRICAL CHARACTERISTICS (Ta=25 deg C Unless Otherwise Noted)
CMBT200, A
DESCRIPTION
SYMBOL TEST CONDITION
MIN
MAX
UNIT
Collector Emitter Saturation Voltage
VCE(Sat) IC=10mA, IB=1mA
-
0.2
V
IC=200mA, IB=20mA*
-
0.4
V
Base Emitter Saturation Voltage
VBE(Sat) IC=10mA,VCE=1V
-
0.85
V
IC=200mA, IB=20mA*
-
1.0
V
Dynamic Characteristics
Transition Frequency
ft
VCE=20V,IC=20mA,
250
-
MHz
Output Capacitance
Cobo
VCB=10V, f=1MHz
-
6.0
pF
Noise Figure
NF
IC=100uA, VCE=5V
CMBT200
-
5.0
dB
Rg=2 Kohms , f=1.0
CMBT200A
-
4.0
dB
kHz
DEVICE
CMBT200
CMBT200A
MARKING
N2
N2A
*Pulse test : Pulse Width =300us, duty cycle=2%
SOT-23 Package Reel Information
Reel specifications for W" Packing (13" reel)
SOT-23 Formed SMD Package
ø329.2± 0.5 / 178 ± 0.5
14.4
7.9 – 10.9
9.2± 0.5
MAX
ø100.0± 0.5 / 54.5 ± 0.5
ø
2.0± 0.5
ø20.2 MIN
DETAIL X
ø13.0
+0.5
–0.2
All dim e nsions in m m
330 / 180 m m – Antistatic Co ated Plastic Reel
NO TES :
No. of Devices
8m m Ta pe
Size of Reel
330 m m (13")
10,000 Pcs
8m m Ta pe
Size of Reel
180 m m (7")
3,000 Pcs
T he ba ndolier of 330 m m ree l contains at least 10,000 devices.
T he ba ndolier of 180 m m ree l contains at least 3,000 d evices.
N o m ore than 0.5% m issing device s / reel. 50 em pty com partm ents fo r 330 m m reel.
15 em pty com partm ents for 18 0 m m reel.
T hree consecutive em pty places m ight be found provided this gap is follow ed by 6
consecutive devices.
T he carrier tap e (lead er) sta rts w ith at least 75 em pty p ositions (equivalent to 330
m m ). In order to fix the carrie r tape a self adhesive tape of 20 to 50 m m is applied. At
the en d of the bandolier at least 40 em p ty positions (equivalent to 1 60 m m ) are th ere.
180
or
330
1.
2.
3.
4.
5.
± 0.02
± 0.02
1.30
0.60
0.60
7°
0.08
PARTING LINE
RO.08
0.21
6°
7°
5°
±3"
±0.05
2.50
±4"
0.08
R0.08
± 0.02
2.50
0.60
1.30
±0.05
±0.025
±0.02
3°
3°
0.60
cL
1
2
3
Continental Device India Limited
Data Sheet
Page 2 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com