Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMBT200 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CMBT200
Description  PNP EPITAXIAL PLANAR SILICON TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CMBT200 Datasheet(HTML) 1 Page - Continental Device India Limited

  CMBT200 Datasheet HTML 1Page - Continental Device India Limited CMBT200 Datasheet HTML 2Page - Continental Device India Limited CMBT200 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PNP EPITAXIAL PLANAR SILICON TRANSISTOR
CMBT200
CMBT200A
SOT23
MARKING : AS BELOW
Designed for General Purpose Amplifier Applications.
ABSOLUTE MAXIMUM RATINGS(Ta=25deg C unless otherwise noted)
DESCRIPTION
SYMBOL
VALUE
UNIT
Collector -Base Voltage
VCBO
60
V
Collector -Emitter Voltage
VCEO
45
V
Emitter Base Voltage
VEBO
6.0
V
Collector Current - Continuous
IC
500
mA
Power Dissipation
PD
350
mW
Derate Above=25 deg C
2.8
mW/deg C
Operating And Storage Junction
Tj, Tstg
-55 to +150
deg C
Temperature Range
Thermal Resistance
Junction to Ambient
(Rth j-a)
357
deg C/W
ELECTRICAL CHARACTERISTICS (Ta=25 deg C Unless Otherwise Noted)
DESCRIPTION
SYMBOL TEST CONDITION
MIN
MAX
UNIT
Collector -Base Voltage
VCBO
IC=10uA, IE=0
60
-
V
Collector -Emitter Voltage
VCEO
IC=1mA, IB=0
45
-
V
Emitter Base Voltage
VEBO
IE=10uA, IC=0
6.0
-
V
Collector Cut off Current
ICBO
VCB=50V, IE=0
-
50
nA
ICES
VCE=4V, IE=0
-
50
nA
Emitter Cut off Current
IEBO
VEB=4V, IC=0
-
50
nA
DC Current Gain
hFE
IC=100uA,VCE=1V
CMBT200
80
-
CMBT200A
240
-
IC=10mA,VCE=1V
CMBT200
100
450
CMBT200A
300
600
IC=100mA,VCE=1V*
CMBT200A
100
-
IC=150mA,VCE=5V*
CMBT200
100
350
CMBT200A
100
-
PIN CONFIGURATION (PNP)
1 = BASE
2 = EMITTER
3 = COLLECTOR
2
1
3
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS16949 and ISO 9001 Certified Company


Similar Part No. - CMBT200

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CMBT2222 CDIL-CMBT2222 Datasheet
146Kb / 4P
SILICON PLANAR EPITAXIAL TRANSISTORS
CMBT2222A CDIL-CMBT2222A Datasheet
146Kb / 4P
SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Rectron Semiconductor
CMBT2222A RECTRON-CMBT2222A Datasheet
81Kb / 3P
NPN Silicon Planar Epitaxial Transistors
CMBT2222A RECTRON-CMBT2222A Datasheet
27Kb / 2P
SOT-23 - Power Transistor and Darlingtons
logo
Continental Device Indi...
CMBT2369 CDIL-CMBT2369 Datasheet
156Kb / 3P
SILICON PLANAR EPITAXIAL SWITCHING TRANSISTOR
More results

Similar Description - CMBT200

ManufacturerPart #DatasheetDescription
logo
AUK corp
SUR532H AUK-SUR532H Datasheet
235Kb / 3P
Epitaxial planar PNP silicon transistor
SUR546J AUK-SUR546J Datasheet
229Kb / 3P
Epitaxial planar PNP silicon transistor
SUR550J AUK-SUR550J Datasheet
229Kb / 3P
Epitaxial planar PNP silicon transistor
logo
Continental Device Indi...
CMBT857 CDIL-CMBT857 Datasheet
115Kb / 3P
PNP EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Hi-Sincerity Mocroelect...
HSB649T HSMC-HSB649T Datasheet
43Kb / 4P
SILICON PNP EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
GI5706 GTM-GI5706 Datasheet
948Kb / 3P
PNP EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Galaxy Semi-Conductor H...
KTA2015W BILIN-KTA2015W Datasheet
171Kb / 4P
PNP Silicon Epitaxial Planar Transistor
MMSTA92 BILIN-MMSTA92 Datasheet
131Kb / 2P
PNP Silicon Epitaxial Planar Transistor
logo
Guangdong Kexin Industr...
2SA1772 KEXIN-2SA1772 Datasheet
44Kb / 2P
PNP Epitaxial Planar Silicon Transistor
logo
SHENZHEN YONGERJIA INDU...
A92 WINNERJOIN-A92 Datasheet
207Kb / 4P
PNP Silicon Epitaxial Planar Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com