Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMBT2369 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # CMBT2369
Description  SILICON PLANAR EPITAXIAL SWITCHING TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CMBT2369 Datasheet(HTML) 2 Page - Continental Device India Limited

  CMBT2369 Datasheet HTML 1Page - Continental Device India Limited CMBT2369 Datasheet HTML 2Page - Continental Device India Limited CMBT2369 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Continental Device India Limited
Data Sheet
Page 2 of 3
RATINGS (at TA = 25°C unless otherwise specified)
Limiting values
Collector–base voltage (open emitter)
VCB0
max.
40 V
Collector–emitter voltage (VBE = 0)
VCES
max.
40 V
Collector–emitter voltage (open base)
VCE0
max.
15 V
Emitter–base voltage (open collector)
VEB0
max.
4,5 V
Collector current (d.c. value)
IC
max.
500 mA
Total power dissipation up to Tamb = 25 °C
Ptot
max.
250 mW
Storage temperature
Tstg
–55 to 150° C
Junction temperature
Tj
max.
150 ° C
THERMAL RESISTANCE
From junction to ambient in free air
Rth j–a
=
500 K/W
CHARACTERISTICS (at TA = 25°C unless otherwise specified)
Tj = 25 °C unless otherwise specified
Collector cut–off current
IE = 0; VCB = 20 V
ICB0
<
400 nA
IE = 0; VCB = 20V; Tj = 125°C
ICB0
<30
µA
Saturation voltages
IC = 10 mA; lB = 1 mA
VCEsat
<
0,25 V
VBEsat
0,70 to 0,85 V
D.C. current gain
IC = 10mA; VCE = 1 V
hFE
40 to 120
IC = 10mA; VCE = 1 V; Tamb = –55°C
hFE
>20
IC = 100 mA; VCE = 2 V
hFE
>20
Output capacitance at f = 1 MHz
IE = 0; VCB = 5V
Co
<
4,0 pF
Small–signal current gain
IC = 1,0mA; VCE = 10V; f = 100MHz; Tamb = 25°C
hfe
>
5,0
Breakdown voltages
IC = 10 mA; lB = 0
V(BR)CEO min.
15 V
IC = 10µA; IE = 0
V(BR)CBO min.
40 V
IC = 0; IE = 10µAV(BR)EBO min.
4,5 V
IC = 10µA; VBE = 0
V(BR)CES min.
40 V
Switching times at Tamb = 25 °C
Storage time
typ.
5,0 ns
ICon = IBon = –IBoff = 10 mA
ts
<13 ns
Turn–on time
ton
typ.
8,0 ns
IC = 10mA; IBon = 3mA; VCC = 3V
ton
<12 ns
Turn–off time
toff
typ.
10 ns
IC = 10mA; IBon = 3mA; IBoff = 1,5mA; VCC = 3V
toff
<18 ns
CMBT2369



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com