Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMBT2369 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CMBT2369
Description  SILICON PLANAR EPITAXIAL SWITCHING TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CMBT2369 Datasheet(HTML) 1 Page - Continental Device India Limited

  CMBT2369 Datasheet HTML 1Page - Continental Device India Limited CMBT2369 Datasheet HTML 2Page - Continental Device India Limited CMBT2369 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Continental Device India Limited
Data Sheet
Page 1 of 3
SILICON PLANAR EPITAXIAL SWITCHING TRANSISTOR
N–P N transistor
Marking
CMBT2369 = lJ
ABSOLUTE MAXIMUM RATINGS
Collector–base voltage (open emitter)
VCB0
max.
40 V
Collector–emitter voltage (VBE = 0)
VCES
max.
40 V
Collector–emitter voltage (open base)
VCE0
max.
15 V
Collector current (d.c. value)
IC
max.
500 mA
Total power dissipation up to Tamb = 25 °C
Ptot
max.
250 mW
D.C. current gain
IC = 10mA; VCE = 1 V
hFE
40 to 120
IC = 100 mA; VCE = 2 V
hFE
>20
Storage time
ICon = IBon = IBoff = 10 mA
ts
<13 ns
CMBT2369
PACKAGE OUTLINE DETAILS
ALL DIMENSIONS IN mm
Pin configuration
1 = BASE
2 = EMITTER
3 = COLLECTOR
3
2
1
SOT-23 Formed SMD Package
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - CMBT2369

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CMBT200 CDIL-CMBT200 Datasheet
173Kb / 3P
PNP EPITAXIAL PLANAR SILICON TRANSISTOR
CMBT200A CDIL-CMBT200A Datasheet
173Kb / 3P
PNP EPITAXIAL PLANAR SILICON TRANSISTOR
CMBT2222 CDIL-CMBT2222 Datasheet
146Kb / 4P
SILICON PLANAR EPITAXIAL TRANSISTORS
CMBT2222A CDIL-CMBT2222A Datasheet
146Kb / 4P
SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Rectron Semiconductor
CMBT2222A RECTRON-CMBT2222A Datasheet
81Kb / 3P
NPN Silicon Planar Epitaxial Transistors
More results

Similar Description - CMBT2369

ManufacturerPart #DatasheetDescription
logo
Seme LAB
BUY24 SEME-LAB-BUY24 Datasheet
22Kb / 2P
SILICON PLANAR EPITAXIAL NPN POWER SWITCHING TRANSISTOR
logo
Galaxy Semi-Conductor H...
2SA1037 BILIN-2SA1037 Datasheet
310Kb / 4P
Silicon Epitaxial Planar Transistor
Rev.A
2SC3356W BILIN-2SC3356W Datasheet
164Kb / 4P
Silicon Epitaxial Planar Transistor
Rev.A
2SC4081W BILIN-2SC4081W Datasheet
217Kb / 4P
Silicon Epitaxial Planar Transistor
Rev.A
2SC4097W BILIN-2SC4097W Datasheet
133Kb / 3P
Silicon Epitaxial Planar Transistor
Rev.A
2SC4177W BILIN-2SC4177W Datasheet
271Kb / 4P
Silicon Epitaxial Planar Transistor
Rev.A
KTA1298 BILIN-KTA1298 Datasheet
216Kb / 4P
Silicon Epitaxial Planar Transistor
SS8050W BILIN-SS8050W Datasheet
160Kb / 4P
Silicon Epitaxial Planar Transistor
STD123 BILIN-STD123 Datasheet
268Kb / 4P
Silicon Epitaxial Planar Transistor
logo
SEMTECH ELECTRONICS LTD...
MMBTSC1621 SEMTECH_ELEC-MMBTSC1621 Datasheet
125Kb / 2P
NPN Silicon Epitaxial Planar Switching Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com