Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8736SDO2V02H30S Datasheet(PDF) 2 Page - Schneider Electric

Part # 8736SDO2V02H30S
Description  NEMA Type S Motor Starters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

8736SDO2V02H30S Datasheet(HTML) 2 Page - Schneider Electric

  8736SDO2V02H30S Datasheet HTML 1Page - Schneider Electric 8736SDO2V02H30S Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Width
9.00 in (228.60 mm)
Depth
6.03 in (153.16 mm)
Environment
Enclosure Type
Not rated (open device)
Certifications
UL Listed
CSA
Ordering and shipping details
Category
21272-8702,36 SC,SD(NOT S*R,T,W)
Discount Schedule
CP1
GTIN
785901970293
Returnability
No
Country of origin
MX
Packing Units
Unit Type of Package 1
PCE
Number of Units in Package 1
1
Package 1 Height
8.50 in (21.59 cm)
Package 1 Width
11.30 in (28.702 cm)
Package 1 Length
13.70 in (34.798 cm)
Package 1 Weight
35.00 lb(US) (15.876 kg)
Offer Sustainability
California proposition 65
WARNING: This product can expose you to chemicals including: Lead and lead compounds, which is
known to the State of California to cause cancer and birth defects or other reproductive harm. For more
information go to www.P65Warnings.ca.gov
EU RoHS Directive
Not compliant
China RoHS Regulation
China RoHS declaration
Product out of China RoHS scope. Substance declaration for your information.
Contractual warranty
Warranty
18 months
Recommended replacement(s)
2
Jan 16, 2023



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com