Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8736SDO2V02H30S Datasheet(PDF) 1 Page - Schneider Electric

Part # 8736SDO2V02H30S
Description  NEMA Type S Motor Starters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

8736SDO2V02H30S Datasheet(HTML) 1 Page - Schneider Electric

  8736SDO2V02H30S Datasheet HTML 1Page - Schneider Electric 8736SDO2V02H30S Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
Specifications
NEMA Starter, Type S, reversing,
horizontal, Size 2, 45A, 25 HP at
575 VAC, up to 100 kA SCCR, 3
phase, 3 pole, Motor Logic SSOLR,
120 VAC coil, open
8736SDO2V02H30S
Product availability : Stock - Normally stocked in distribution
facility
Price* : 2,451.00 USD
Main
Product Type
Starter
Product Range
S
Starter Type
Reversing
Complementary
NEMA Size
2
Rated Current
45 A
Number of Poles
3P
Mounting Orientation
Horizontal
Wiring Mode
3 wires
Maximum Voltage Rating
600 V AC
Phase
3 phase
Type of Overload
Solid state Motor Logic class 10/20
Horsepower Rating
10 HP 200 V AC
15 HP 230 V AC
25 HP 460 V AC
25 HP 575 V AC
SCCR
Circuit-breaker 100 A maximum: 100 kA at 480 V AC
Fuse J 100 A maximum: 100 kA at 600 V AC
Fuse T 100 A maximum: 100 kA at 600 V AC
Fuse RK1 100 A maximum: 100 kA at 600 V AC
Fuse RK5 100 A maximum: 100 kA at 600 V AC
Coil Voltage
110 V AC 50 Hz
120 V AC 60 Hz
Control Circuit Type
Separate control circuit
Control Units
No control units
Pilot Light
Without pilot light
Auxiliary Contacts
Without
Terminal Type
Screw clamp terminals
Height
8.50 in (215.90 mm)
*  Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.
Jan 16, 2023
1


Similar Part No. - 8736SDO2V02H30S

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
8736SDO2V02H31S SCHNEIDER-8736SDO2V02H31S Datasheet
153Kb / 2P
NEMA Type S Motor Starters
Jan 25, 2023
More results

Similar Description - 8736SDO2V02H30S

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
8536SGO1V06H30S SCHNEIDER-8536SGO1V06H30S Datasheet
141Kb / 2P
NEMA Type S Motor Starters
Jan 16, 2023
8736SBO4V02ES SCHNEIDER-8736SBO4V02ES Datasheet
160Kb / 2P
NEMA Type S Motor Starters
Jan 16, 2023
8736SBO8V02S SCHNEIDER-8736SBO8V02S Datasheet
124Kb / 2P
NEMA Type S Motor Starters
Jan 16, 2023
8736SDO2V03 SCHNEIDER-8736SDO2V03 Datasheet
154Kb / 2P
NEMA Type S Motor Starters
Jan 16, 2023
8736SBA1V02 SCHNEIDER-8736SBA1V02 Datasheet
193Kb / 2P
NEMA Type S Motor Starters
Jan 19, 2023
8736SBA4V03 SCHNEIDER-8736SBA4V03 Datasheet
192Kb / 2P
NEMA Type S Motor Starters
Jan 19, 2023
8736SBA4V08 SCHNEIDER-8736SBA4V08 Datasheet
192Kb / 2P
NEMA Type S Motor Starters
Jan 19, 2023
8736SBA5V06 SCHNEIDER-8736SBA5V06 Datasheet
190Kb / 2P
NEMA Type S Motor Starters
Jan 19, 2023
8736SBO3V02 SCHNEIDER-8736SBO3V02 Datasheet
155Kb / 2P
NEMA Type S Motor Starters
Jan 25, 2023
8736SBO4V02H309S SCHNEIDER-8736SBO4V02H309S Datasheet
155Kb / 2P
NEMA Type S Motor Starters
Jan 25, 2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com