Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VND9012AJ Datasheet(PDF) 1 Page - STMicroelectronics

Part # VND9012AJ
Description  Double channel high-side driver with current sense analog feedback for automotive applications
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND9012AJ Datasheet(HTML) 1 Page - STMicroelectronics

  VND9012AJ Datasheet HTML 1Page - STMicroelectronics VND9012AJ Datasheet HTML 2Page - STMicroelectronics VND9012AJ Datasheet HTML 3Page - STMicroelectronics VND9012AJ Datasheet HTML 4Page - STMicroelectronics VND9012AJ Datasheet HTML 5Page - STMicroelectronics VND9012AJ Datasheet HTML 6Page - STMicroelectronics VND9012AJ Datasheet HTML 7Page - STMicroelectronics VND9012AJ Datasheet HTML 8Page - STMicroelectronics VND9012AJ Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
Features
Max transient supply voltage
VCC
36 V
Operating voltage range
VCC
4 to 28 V
Typ. on-state resistance (per Ch)
RON
12 mΩ
Current limitation (typ)
ILIMH
63 A
Standby current (max)
ISTBY
0.5 µA
•
AEC-Q100 qualified
•
Extreme low voltage operation for deep cold cranking applications (compliant
with LV124, revision 2013)
•
General
–
Double channel smart high-side driver with current sense analog feedback
–
Very low standby current
–
Compatible with 3 V and 5 V CMOS outputs
•
Current sense diagnostic functions
–
Multiplexed analog feedback of load current with high precision proportional
current mirror
–
Overload and short to ground (power limitation) indication
–
Thermal shutdown indication
–
OFF-state open-load detection
–
Output short to VCC detection
–
Sense enable/disable
•
Protections
–
Undervoltage shutdown
–
Overvoltage clamp
–
Load current limitation
–
Self limiting of fast thermal transients
–
Configurable latch-off on overtemperature or power limitation with
dedicated fault reset pin
–
Loss of ground and loss of VCC
–
Reverse battery through self turn-on
–
Electrostatic discharge protection
Applications
•
Automotive resistive, inductive and capacitive loads
•
Protected supply for ADAS systems: radars and sensors
PowerSSO-16
Product status link
VND9012AJ
Product summary
Order code
VND9012AJTR
Package
PowerSSO-16
Packing
Tape and reel
Double channel high-side driver with current sense analog feedback for
automotive applications
VND9012AJ
Datasheet
DS12727 - Rev 3 - July 2022
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - VND9012AJ

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VND9012AJ STMICROELECTRONICS-VND9012AJ Datasheet
2Mb / 46P
Double channel high-side driver with current sense analog feedback for automotive applications
27-Jan-2025
VND9012AJTR STMICROELECTRONICS-VND9012AJTR Datasheet
2Mb / 46P
Double channel high-side driver with current sense analog feedback for automotive applications
27-Jan-2025
VND9012AJ STMICROELECTRONICS-VND9012AJ_V01 Datasheet
2Mb / 46P
Double channel high-side driver with current sense analog feedback for automotive applications
27-Jan-2025
More results

Similar Description - VND9012AJ

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VND5050AJ-E STMICROELECTRONICS-VND5050AJ-E Datasheet
768Kb / 26P
Double channel high side driver with analog current sense for automotive applications
14-Apr-2006
VND5E050AJ-E STMICROELECTRONICS-VND5E050AJ-E Datasheet
738Kb / 44P
Double channel high side driver with analog current sense for automotive applications
22-Jul-2009
VND5E012AY-E STMICROELECTRONICS-VND5E012AY-E Datasheet
979Kb / 40P
Double channel high-side driver with analog current sense for automotive applications
09-Jul-2012
VND5E012MY-E STMICROELECTRONICS-VND5E012MY-E Datasheet
876Kb / 36P
Double channel high-side driver with analog current sense for automotive applications
24-Oct-2013
VND5E006ASP-E STMICROELECTRONICS-VND5E006ASP-E Datasheet
881Kb / 37P
Double channel high-side driver with analog current sense for automotive applications
October 2013 Rev 6
VND5E008ASP-E STMICROELECTRONICS-VND5E008ASP-E Datasheet
742Kb / 33P
Double channel high-side driver with analog current sense for automotive applications
October 2013 Rev 4
VND5E025LK-E STMICROELECTRONICS-VND5E025LK-E Datasheet
812Kb / 37P
Double channel high side driver with analog current sense for automotive applications
18-Sep-2013
VND5E050ACJ-E STMICROELECTRONICS-VND5E050ACJ-E Datasheet
569Kb / 43P
Double channel high-side driver with analog current sense for automotive applications
18-Sep-2013
VND5E050MCJ-E STMICROELECTRONICS-VND5E050MCJ-E Datasheet
592Kb / 40P
Double-channel high-side driver with analog current sense for automotive applications
18-Sep-2013
VND9008AJ STMICROELECTRONICS-VND9008AJ Datasheet
2Mb / 38P
Double channel high-side driver with current sense analog feedback for automotive applications
23-Dec-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com