Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VND9012AJ Datasheet(PDF) 20 Page - STMicroelectronics

Part # VND9012AJ
Description  Double channel high-side driver with current sense analog feedback for automotive applications
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND9012AJ Datasheet(HTML) 20 Page - STMicroelectronics

Back Button VND9012AJ Datasheet HTML 16Page - STMicroelectronics VND9012AJ Datasheet HTML 17Page - STMicroelectronics VND9012AJ Datasheet HTML 18Page - STMicroelectronics VND9012AJ Datasheet HTML 19Page - STMicroelectronics VND9012AJ Datasheet HTML 20Page - STMicroelectronics VND9012AJ Datasheet HTML 21Page - STMicroelectronics VND9012AJ Datasheet HTML 22Page - STMicroelectronics VND9012AJ Datasheet HTML 23Page - STMicroelectronics VND9012AJ Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
4
Application information
Figure 12. Application diagram
VDD
OUT
OUT
OUT
OUT
ADC in
OUT
GND
GND
GND
GND
Logic
OUTPUT
GND
FaultRST
INPUT
SEn
SEL
VCC
CS
Current mirror
Rprot_SEn
Rprot
Rprot
Rprot
Rprot
+5V
R
GND
Rsense
D
GND
Cext
GND
GND
Dld
4.1
GND protection network against reverse battery
Figure 13. Simplified internal structure
MCU
INPUT
SEn
CS
FaultRST
Vcc
OUTPUT
GND
Rprot
Rprot_SEn
Rprot
Rprot
Dld
Rsense
5V
RGND
DGND
GND
GAPGCFT00830
VND9012AJ
Application information
DS12727 - Rev 3
page 20/40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com