Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PQ2007-0R4-70-T-R Datasheet(PDF) 3 Page - Standex Electronics, Inc.

Part # PQ2007-0R4-70-T-R
Description  Planar Induct ors f or the PQ 20 26 ,3 2 Sizes 0.4 6.0 µ H , 8 0A max
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANDEX [Standex Electronics, Inc.]
Direct Link  https://standexelectronics.com/
Logo STANDEX - Standex Electronics, Inc.

PQ2007-0R4-70-T-R Datasheet(HTML) 3 Page - Standex Electronics, Inc.

  PQ2007-0R4-70-T-R Datasheet HTML 1Page - Standex Electronics, Inc. PQ2007-0R4-70-T-R Datasheet HTML 2Page - Standex Electronics, Inc. PQ2007-0R4-70-T-R Datasheet HTML 3Page - Standex Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
A Global Leader in the Design, Development, and
Manufacture of Sensors and Magnetic Components
Planar Inductors for the PQ20,26,32 Sizes | 0.4-6.0µH, 80A max
www.standexmeder.com
Tape & Reel Dimensions in mm – Planar Inductors for the PQ20,26,32 Sizes
PQ20XX
PQ26XX
PQ32XX



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com