Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PQ2007-0R4-70-T-R Datasheet(PDF) 1 Page - Standex Electronics, Inc.

Part # PQ2007-0R4-70-T-R
Description  Planar Induct ors f or the PQ 20 26 ,3 2 Sizes 0.4 6.0 µ H , 8 0A max
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANDEX [Standex Electronics, Inc.]
Direct Link  https://standexelectronics.com/
Logo STANDEX - Standex Electronics, Inc.

PQ2007-0R4-70-T-R Datasheet(HTML) 1 Page - Standex Electronics, Inc.

  PQ2007-0R4-70-T-R Datasheet HTML 1Page - Standex Electronics, Inc. PQ2007-0R4-70-T-R Datasheet HTML 2Page - Standex Electronics, Inc. PQ2007-0R4-70-T-R Datasheet HTML 3Page - Standex Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Contact Information:
Standex-Meder Electronics
World Headquarters
4538 Camberwell Road
Cincinnati, OH 45209 USA
Standex Americas (OH)
+1.866.STANDEX
(+1.866.782.6339)
info@standexelectronics.com
Meder Americas (MA)
+1.800.870.5385
salesusa@standexmeder.com
Standex-Meder Asia (Shanghai)
+86.21.37820625
salesasia@standexmeder.com
Standex-Meder Europe (Germany)
+49.7731.8399.0
info@standexmeder.com
www.standexmeder.com
 Planar magnetics have a better power density and performance compared to equivalent
wire wound transformer designs.
 Standex-Meder has multiple manufacturing facilities around the world including TS16949
and AS9100 certified and ITAR registered sites.
 Standex-Meder specializes in customizing designs to specific customer needs for a wide
power range. Please contact us to provide the optimal solution for your application.
 Applications include but are not limited to: switching power supplies, DC/DC converters in
distributed power systems, FPGA and low-profile high-current, high current POL
converters, feedback control, overload sensing, load drop and shut down detection
 Markets include Electronics, Telecommunications, Medical, Aerospace, Industrial,
Automotive, Appliance and many others
Standard PN Datasheet
Catalog Part Number
Core
Style
Height
(mm)
Nom.
Amps
Inductance
(µH)
DCR (mΩ)
Nom.
Isat (A) typ
10% drop
20% drop
PQ2007-0R4-70-G or T - R
PQ20
7
70
0.4
0.7
71
83
PQ2006-1R0-30-G or T - R
PQ20
6
30
1.0
1.0
35
39
PQ2007-2R2-25-G or T - R
PQ20
7
25
2.2
3.5
29
32
PQ2007-4R4-15-G or T - R
PQ20
7
15
4.4
3.6
16
18
PQ2613-1R0-80-G or T - R
PQ26
13
80
1.0
1.2
110
120
PQ3213-0R9-70-G or T - R
PQ32
13
70
0.9
1.0
100
110
PQ3218-3R3-70-G or T - R
PQ32
18
70
3.3
1.1
74
80
PQ3218-6R0-50-G or T - R
PQ32
18
50
6.0
1.5
51
57
Notes: All Electrical Values at 25°C | Pri: Sec’y: Core Isolation 300 Vrms | Maximum Non-Operating Temperatures : -55°C to
+180°C | Maximum Operating Rated Temperatures: -30°C to +125°C
E x a m p l e
A Global Leader in the Design, Development, and
Manufacture of Sensors and Magnetic Components
Product Solutions
www.standexmeder.com
Planar Inductors
for the PQ20,26,32 Sizes
0.4-6.0µH, 80A max


Similar Part No. - PQ2007-0R4-70-T-R

ManufacturerPart #DatasheetDescription
logo
Pico Technology Ltd.
PQ200 PICO-PQ200 Datasheet
10Mb / 39P
Smarter scopes for faster debug
PQ200 PICO-PQ200 Datasheet
10Mb / 42P
PicoScope® 6000E Series Smarter scopes for faster debug
logo
Sharp Corporation
PQ200WN3MZPH SHARP-PQ200WN3MZPH Datasheet
152Kb / 6P
Compact Surface Mount type Low Power-Loss Voltage Regulators
PQ200WNA1ZPH SHARP-PQ200WNA1ZPH Datasheet
146Kb / 5P
Compact Surface Mount type Low Power-Loss Voltage Regulators
More results

Similar Description - PQ2007-0R4-70-T-R

ManufacturerPart #DatasheetDescription
logo
FERYSTER Inductive Comp...
PQ-26-20-K-12P-2620-2 FERYSTER-PQ-26-20-K-12P-2620-2 Datasheet
95Kb / 1P
PQ Bobbins
logo
EPCOS
B65877A EPCOS-B65877A Datasheet
314Kb / 5P
PQ 26/25 Cores and coil former
logo
List of Unclassifed Man...
LEDIB70X70W ETC2-LEDIB70X70W Datasheet
151Kb / 3P
Visible red or infrared backlights in 2 sizes, with 3-conductor cable
logo
E-SWITCH
ST750101 E-SWITCH-ST750101 Datasheet
119Kb / 1P
RATING: 0.4 VOLT-AMPS MAX. @20V MAX AC OR DC
logo
List of Unclassifed Man...
PA1113 ETC2-PA1113 Datasheet
42Kb / 2P
Strips 28-10 AWG or .8-6.0 mm
logo
FERYSTER Inductive Comp...
PQ26-20-K-12P-2620-2 FERYSTER-PQ26-20-K-12P-2620-2 Datasheet
98Kb / 1P
PQ-26-20-K-12P-2620-2
logo
Texas Instruments
TUSB2036 TI1-TUSB2036_16 Datasheet
1Mb / 27P
2- or 3-Port Hub for the Universal Serial Bus
logo
Fair-Rite Products Corp...
6678505021 FAIR-RITE-6678505021 Datasheet
513Kb / 1P
PQ Cores
6695272521 FAIR-RITE-6695272521 Datasheet
513Kb / 1P
PQ Cores
6698212021 FAIR-RITE-6698212021 Datasheet
513Kb / 1P
PQ Cores
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com