Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCS7262C Datasheet(PDF) 4 Page - Power Integrations, Inc.

Part # LCS7262C
Description  Off-Line LLC Switcher ICs with Integrated 600 V FREDFETs Synchronous Rectification and FluxLink Feedback
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LCS7262C Datasheet(HTML) 4 Page - Power Integrations, Inc.

  LCS7262C Datasheet HTML 1Page - Power Integrations, Inc. LCS7262C Datasheet HTML 2Page - Power Integrations, Inc. LCS7262C Datasheet HTML 3Page - Power Integrations, Inc. LCS7262C Datasheet HTML 4Page - Power Integrations, Inc. LCS7262C Datasheet HTML 5Page - Power Integrations, Inc. LCS7262C Datasheet HTML 6Page - Power Integrations, Inc. LCS7262C Datasheet HTML 7Page - Power Integrations, Inc. LCS7262C Datasheet HTML 8Page - Power Integrations, Inc. LCS7262C Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
Rev. D 11/22
4
HiperLCS-2
www.power.com
NC 13
12 GSA
FL 14
11 D1
5VL 15
10 D2
9 G1
GP 16-19
NC 24
8 G2
7 BPS
6 PS
5 FB
4 CMP
3 IS
2 GSB
1 5VS
PI-8893-031721
Figure 8. HiperLCS-2 Safety Isolation and Secondary-Side LSR2000C,
InSOP-24D (Top View).
Pin Functional Description – Safety Isolation and
Secondary-Side Device LSR2000C
SECONDARY 5 V (5VS) (Pin 1)
Connection point for an external decoupling capacitor for the
secondary IC supply. Should be capacitively decoupled to secondary
ground (GSB).
SECONDARY GROUND (GSB) (Pin 2)
Small signal ground for secondary-side (5VS, IS, CMP, FB, PS).
WINDING SENSE (IS) (Pin 3)
Secondary-side, small signal current input connection to an external
resistor and capacitor.
COMPENSATION (CMP) (Pin 4)
Secondary-side, small signal connection to external frequency
compensation resistor capacitor network.
FEEDBACK (FB) (Pin 5)
Secondary-side, small signal feedback signal to secondary control.
PROGRAM SECONDARY (PS) (Pin 6)
Secondary-side, small signal connection for customer configuration
selection components. This pin also outputs logic level fault code
during fault conditions.
SECONDARY BYPASS (BPS) (Pin 7)
Secondary-side power supply pin for secondary device.
SR GATE2 DRIVE (G2) (Pin 8)
Secondary-side, output for driving secondary synchronous rectifier
(SR) MOSFET for first output phase.
SR GATE1 DRIVE (G1) (Pin 9)
Secondray-side, output for driving secondary synchronous rectifier
(SR) MOSFET for second output phase.
SR DRAIN2 SENSE (D2) (Pin 10)
Secondary-side, medium voltage small signal input for sensing
SR DRAIN/SOURCE voltage.
SR DRAIN1 SENSE (D1) (Pin 11)
Secondary-side, medium voltage small signal input for sensing SR
DRAIN/SOURCE voltage.
SECONDARY GROUND (GSA) (Pin 12)
Power ground for secondary-side (BPS, G1, G2, D1, D2).
NO CONNECT (NC) (Pin 13)
No connection. Leave open.
FLUXLINK (FL) (Pin 14)
Primary-side small signal output is the FluxLink primary output pin.
PRIMARY 5V (5VL) (Pin 15)
Primary-side connection point for an external primary decoupling
capacitor for the primary IC supply. Should be capacitively decoupled
to primary ground (GP).
PRIMARY GROUND (GP) (Pins 16-19)
Primary-side ground reference for primary BYPASS pin.
NO CONNECT (NC) (Pin 24)
No connection. Leave open.
Figure 9. HiperLCS2–SR, Safety Isolation Package.
InSOP-24D Top View, InSOP-24D Bottom View.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com