Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCS7262C Datasheet(PDF) 21 Page - Power Integrations, Inc.

Part # LCS7262C
Description  Off-Line LLC Switcher ICs with Integrated 600 V FREDFETs Synchronous Rectification and FluxLink Feedback
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LCS7262C Datasheet(HTML) 21 Page - Power Integrations, Inc.

Back Button LCS7262C Datasheet HTML 17Page - Power Integrations, Inc. LCS7262C Datasheet HTML 18Page - Power Integrations, Inc. LCS7262C Datasheet HTML 19Page - Power Integrations, Inc. LCS7262C Datasheet HTML 20Page - Power Integrations, Inc. LCS7262C Datasheet HTML 21Page - Power Integrations, Inc. LCS7262C Datasheet HTML 22Page - Power Integrations, Inc. LCS7262C Datasheet HTML 23Page - Power Integrations, Inc. LCS7262C Datasheet HTML 24Page - Power Integrations, Inc. LCS7262C Datasheet HTML 25Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
Rev. D 11/22
21
HiperLCS-2
www.power.com
Parameter
Symbol
Conditions
T
JC = 0 °C to 100 °C
BP = BPH = 18 V
(Unless Otherwise Specified)
Min
Typ
Max
Units
Primary Low-Side Controller/Driver (cont.)
L Pin
L Pin Breakdown
Voltage
V
L(BV)
L Pin Disabled (Burst Off-State)
600
V
L Pin UV Stop Threshold
Current
I
L(UV-)
44
49
54
m
A
L Pin UV Restart
Threshold Current
I
L(UV+)
58
63.5
69
m
A
L Pin OV Restart
Threshold Current
I
L(OV-)
98
108
118
m
A
L Pin OV Stop Threshold
Current
I
L(OV+)
110
123
135
m
A
L Pin UV Hysteresis
Current
I
L(UV)(HYST)
12.0
14.6
17.2
L Pin OV Hysteresis
Current
I
L(OV)(HYST)
12.5
15.2
18.2
L Pin Sink Current
I
L(SNK)
See Note A, C
200
m
A
L Pin Sink Voltage
UV Stop
V
L(SNK)(UV-)
I
L(SNK) = IL(UV-)
1.6
V
L Pin Sink Voltage
UV Start
V
L(SNK)(UV+)
I
L(SNK) = IL(UV+)
1.7
V
L Pin Sink Voltage
OV Start
V
L(SNK)(OV-)
I
L(SNK) = IL(OV-)
2.0
V
L Pin Sink Voltage
OV Stop
V
L(SNK)(OV+)
I
L(SNK) = IL(OV+)
2.1
V
PP Pin
PP Pin Remote-Off
Threshold
I
PP(REM-)
-17
-13.5
-10
m
A
PP Pin Remote-On
Threshold
I
PP(REM+)
-47
-39
-32
m
A
PP Pin Remote-On/Off
Hysteresis
I
PP(REM)(HYST)
20
25.5
31
m
A
PP Pin Remote-On
Voltage
V
PP(REM+)
0.81
V
PP Pin Remote-Off
Voltage
V
PP(REM-)
0.86
V
PP Pin Fault Clear
Threshold
I
PP(FLT-)
-93
-79
-66
m
A
PP Pin Fault Assert
Threshold
I
PP(FLT+)
-95
-81
-68
m
A
PP Pin Remote-On/Off
Hysteresis
I
PP(FLT)(HYST)
1
m
A
PP Pin Fault Assert
Voltage
V
PP(FLT+)
0.75
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com