Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNK3206P Datasheet(PDF) 1 Page - Power Integrations, Inc.

Part # LNK3206P
Description  Highly Energy Efficient Off-line Switcher IC with Integrated System Level Protection for Low Component-Count Power Supplies
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LNK3206P Datasheet(HTML) 1 Page - Power Integrations, Inc.

  LNK3206P Datasheet HTML 1Page - Power Integrations, Inc. LNK3206P Datasheet HTML 2Page - Power Integrations, Inc. LNK3206P Datasheet HTML 3Page - Power Integrations, Inc. LNK3206P Datasheet HTML 4Page - Power Integrations, Inc. LNK3206P Datasheet HTML 5Page - Power Integrations, Inc. LNK3206P Datasheet HTML 6Page - Power Integrations, Inc. LNK3206P Datasheet HTML 7Page - Power Integrations, Inc. LNK3206P Datasheet HTML 8Page - Power Integrations, Inc. LNK3206P Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
LinkSwitch-TN2 Family
www.power.com
June 2022
Highly Energy Efficient Off-line Switcher IC with Integrated System Level
Protection for Low Component-Count Power Supplies
This Product is Covered by Patents and/or Pending Patent Applications.
Output Current Table1
725 V MOSFET
Product4
230 VAC ±15%
85-265 VAC
MDCM2
CCM3
MDCM2
CCM3
LNK3202P/G/D
63 mA
80 mA
63 mA
80 mA
LNK3204P/G/D
120 mA
170 mA
120 mA
170 mA
LNK3205P/G/D
175 mA
270 mA
175 mA
270 mA
LNK3206P/G/D
225 mA
360 mA
225 mA
360 mA
LNK3207P/G/D
360 mA
575 mA
360 mA
575 mA
LNK3208P/G/D
485 mA
775 mA
485 mA
775 mA
LNK3209P/G/D
600 mA
1000 mA
600 mA
1000 mA
Product4
900 V MOSFET
230 VAC ±15%
85-265 VAC
MDCM2
CCM3
MDCM2
CCM3
LNK3294P/G
120 mA
170 mA
120 mA
170 mA
LNK3296P/G
225 mA
360 mA
225 mA
360 mA
Table 1. Output Current Table.
Notes:
1. Typical output current in a non-isolated buck converter with devices operating
at default current limit and adequate heat sinking. Output power capability
depends on respective output voltage and thermal requirements. See Key
Applications Considerations Section for complete description of assumptions,
including fully discontinuous conduction mode (DCM) operation.
2. Mostly discontinuous conduction mode.
3. Continuous conduction mode.
4. Packages: P: PDIP-8C, G: SMD-8C, D: SO-8C.
Product Highlights
Highest Performance and Design Flexibility
• Supports buck, buck-boost and flyback topologies
• Excellent load and line regulation
• Selectable device current limit
• 66 kHz operation with accurate current limit
• Allows the use of low-cost off-the-shelf inductors
• Reduces size and cost of magnetics and output capacitor
• Frequency jittering reduces EMI filter complexity
• Pin-out simplifies PCB heat sinking
Enhanced Safety and Reliability Features
• Auto-restart for short-circuit and open loop faults
• Output overvoltage protection (OVP)
• Line input overvoltage protection (OVL)
• Hysteretic over-temperature protection (OTP)
• Extended creepage between DRAIN pin and all other pins improves
field reliability
• 725 V MOSFET rating for excellent surge withstand
• 900 V MOSFET rating series for industrial or extra safety margin
EcoSmart™– Extremely Energy Efficient
• Standby supply current <100 μA
• On/Off control provides constant efficiency over a wide load range
• Easily meets all global energy efficiency regulations
• No-load consumption <30 mW with external bias
Applications
• Appliances
• Metering
• Smart LED drivers and industrial controls
• IOT, home and building automation
Description
The LinkSwitch™-TN2 family of ICs for non-isolated off-line power
supplies provides dramatically improved performance compared to
traditional linear or cap-dropper solutions. Designs using the highly
integrated LinkSwitch-TN2 ICs are more flexible and feature increased
efficiency, comprehensive system level protection and higher reliability.
The device family supports buck, buck-boost and flyback converter
topologies. Each device incorporates a 725 V / 900 V power MOSFET,
oscillator, On/Off control for highest efficiency at light load, a high-
voltage switched current source for self-biasing, frequency jittering,
fast (cycle-by-cycle) current limit, hysteretic thermal shutdown, and
output and input overvoltage protection circuitry onto a monolithic IC.
LinkSwitch-TN2 ICs consume very little current in standby resulting in
power supply designs that meet all no-load and standby specifications
worldwide. MOSFET current limit modes can be selected through the
BYPASS pin capacitor value. The high current limit level provides
maximum continuous output current while the low level permits using
very low cost and small surface mount inductors. A full suite of
protection features enables safe and reliable power supplies protecting
the device and the system against input and output overvoltage faults,
device over-temperature faults, lost regulation, and power supply output
overload or short-circuit faults.
Figure 1. Typical Buck Converter Application (See Application Examples
Section for Other Circuit Configurations).
The device family is available in three different packages: PDIP-8C,
SO-8C, and SMD-8C (725 V PNs only).
Figure 2. Package Options. P: PDIP-8C, G: SMD-8C, D: SO-8C.
DC
Output
Wide Range
High-Voltage
DC Input
PI-7841-041816
+
+
FB
BP/M
S
D
LinkSwitch-TN2


Similar Part No. - LNK3206P

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK3206P/G/D POWERINT-LNK3206P/G/D Datasheet
2Mb / 28P
Highly Energy Efficient Off-line Switcher IC with Integrated System Level
June 2023
More results

Similar Description - LNK3206P

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK302 POWERINT-LNK302 Datasheet
867Kb / 16P
Lowest Component Count, Energy Efficient Off-Line Switcher IC
TOP264-271 POWERINT-TOP264-271 Datasheet
3Mb / 36P
Integrated Off-Line Switcher with EcoSmart Technology for Highly Efficient Power Supplies
TOP264 POWERINT-TOP264_11 Datasheet
3Mb / 40P
Integrated Off-Line Switcher with EcoSmart Technology for Highly Efficient Power Supplies
LNK302 POWERINT-LNK302_08 Datasheet
712Kb / 20P
Lowest Component Count, Energy-Efficient Off-Line Switcher IC
LNK304DN POWERINT-LNK304DN Datasheet
711Kb / 20P
Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
LNK302DN-TL POWERINT-LNK302DN-TL Datasheet
1Mb / 18P
Lowest Component Count, Energy-Efficient Off-Line Switcher IC
LNK302DG-TL POWERINT-LNK302DG-TL Datasheet
993Kb / 18P
Lowest Component Count, Energy-Efficient Off-Line Switcher IC
TOP270KG-TL POWERINT-TOP270KG-TL Datasheet
2Mb / 40P
Integrated Off-Line Switcher with EcoSmart Technology for Highly Efficient Power Supplies
LNK302 POWERINT-LNK302_V01 Datasheet
1Mb / 19P
Lowest Component Count, Energy-Efficient Off-Line Switcher IC
December 2021
LNK3604 POWERINT-LNK3604 Datasheet
2Mb / 26P
Energy Efficient, Low Power Off-Line Switcher IC With Integrated System Level Protection
October 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com