Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNK3205G Datasheet(PDF) 25 Page - Power Integrations, Inc.

Part # LNK3205G
Description  Highly Energy Efficient Off-line Switcher IC with Integrated System Level Protection for Low Component-Count Power Supplies
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LNK3205G Datasheet(HTML) 25 Page - Power Integrations, Inc.

Back Button LNK3205G Datasheet HTML 20Page - Power Integrations, Inc. LNK3205G Datasheet HTML 21Page - Power Integrations, Inc. LNK3205G Datasheet HTML 22Page - Power Integrations, Inc. LNK3205G Datasheet HTML 23Page - Power Integrations, Inc. LNK3205G Datasheet HTML 24Page - Power Integrations, Inc. LNK3205G Datasheet HTML 25Page - Power Integrations, Inc. LNK3205G Datasheet HTML 26Page - Power Integrations, Inc. LNK3205G Datasheet HTML 27Page - Power Integrations, Inc. LNK3205G Datasheet HTML 28Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
Rev. P 06/22
25
LinkSwitch-TN2
www.power.com
Part Ordering Information
• LinkSwitch Product Family
• TN2 Series Number
• MOSFET Rating
0
725 V
9
900 V
• Package Identifier (All RoHS Compliant and Halogen Free)
G
Plastic Surface Mount SMD-8C
P
Plastic PDIP-8C
D
Plastic SO-8C (725 V Family only)
• Tape & Reel and Other Options
TL
Tape and Reel, 1 k pcs minimum for G Package. 2.5 k pcs for D Package.
Not available for P Package.
LNK 3204 G - TL
ESD and Latch-Up
Test
Conditions
Results
Latch-up at 125 °C
EIA/JESD78
> ±100 mA or > 1.5 × V
MAX on all pins
Human Body Model ESD
EIA/JESD22-A114-A
> ±2 kV on all pins, except DRAIN Pin for
LNK3202 ±1.5 kV
Machine Model ESD
EIA/JESD22-A115-A
> ±200 V on all pins
MSL Table
Part Number
MSL Rating
LNK3202P
LNK3204P
LNK3294P
LNK3205P
LNK3206P
LNK3207P
LNK3208P
LNK3209P
LNK3294P
LNK3296P
N/A
LNK3202G
LNK3204G
LNK3294G
LNK3205G
LNK3206G
LNK3207G
LNK3208G
LNK3209G
LNK3294G
LNK3296G
3
LNK3202D
LNK3204D
LNK3205D
LNK3206D
LNK3207D
LNK3208D
LNK3209D
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com