Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNK3205G Datasheet(PDF) 4 Page - Power Integrations, Inc.

Part # LNK3205G
Description  Highly Energy Efficient Off-line Switcher IC with Integrated System Level Protection for Low Component-Count Power Supplies
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LNK3205G Datasheet(HTML) 4 Page - Power Integrations, Inc.

  LNK3205G Datasheet HTML 1Page - Power Integrations, Inc. LNK3205G Datasheet HTML 2Page - Power Integrations, Inc. LNK3205G Datasheet HTML 3Page - Power Integrations, Inc. LNK3205G Datasheet HTML 4Page - Power Integrations, Inc. LNK3205G Datasheet HTML 5Page - Power Integrations, Inc. LNK3205G Datasheet HTML 6Page - Power Integrations, Inc. LNK3205G Datasheet HTML 7Page - Power Integrations, Inc. LNK3205G Datasheet HTML 8Page - Power Integrations, Inc. LNK3205G Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
Rev. P 06/22
4
LinkSwitch-TN2
www.power.com
(t
AR(OFF) First Off Period). If the fault condition persists, subsequent
off-times are 1500 ms long (t
AR(OFF) Subsequent Periods). The
auto-restart alternately enables and disables the switching of the
power MOSFET until the fault condition is removed. The auto-restart
counter is gated by the switch oscillator.
Hysteretic Output Overvoltage Protection
The output overvoltage protection provided by the LinkSwitch-TN2 IC
uses auto-restart that is triggered by a current >I
BPSD into the BYPASS
pin. In addition to an internal filter, the BYPASS pin capacitor forms
an external filter providing noise immunity from inadvertent triggering.
For the bypass capacitor to be effective as a high frequency filter, the
capacitor should be located as close as possible to the SOURCE and
BYPASS pins of the device.
The OVP function can be realized in a flyback converter by connect-
ing a Zener diode from the output supply to the BYPASS pin. The
circuit example shown in Figure 6 describes a simple method for
implementing the output overvoltage protection. Adding additional
filtering can be achieved by inserting a low value (10 Ω to 47 Ω)
resistor in series with the OVP Zener diode. The resistor in series
with the OVP Zener diode also limits the maximum current into the
BYPASS pin. The current should be limited to less than 16 mA.
During a fault condition resulting from loss of feedback, the output
voltage will rapidly rise above the nominal voltage. A voltage at the
output that exceeds the sum of the voltage rating of the Zener diode
connected from the output to the BYPASS pin and bypass voltage, will
cause a current in excess of I
BPSD injected into the BYPASS pin, which
will trigger the auto-restart and protect the power supply from
overvoltage.
Line Overvoltage Protection
In a flyback converter LinkSwitch-TN2 can sense indirectly the DC bus
overvoltage condition during the power MOSFET on-time by monitor-
ing the current flowing into the FEEDBACK pin depending on circuit
configuration. Figure 7 shows one possible circuit implementation.
During the MOSFET on-time, the voltage across the secondary
winding is proportional to the voltage across the primary winding.
The current flowing through emitter and base of transistor Q3 is
therefore representing V
BUS. Indirect line sensing minimizes power
dissipation and is used for line OV protection. The LinkSwitch-TN2
will go into auto- auto-restart mode if the FEEDBACK pin current
exceeds the line overvoltage threshold current I
FBSD for at least 2
consecutive switching cycles.
In order to have accurate line OV threshold voltage and also for good
efficiency, regulation performance and stability, the transformer
leakage inductance should be minimized. Low leakage will minimize
ringing on the secondary winding and provide accurate line OVP
sampling. In some designs, a RC snubber across the rectifier diode
may be needed to damp the ringing at the secondary winding when
line voltage is sampled.
VO
VBUS
LinkSwitch-TN2
D
S
FB
BP
+
PI-8024-092916
T1
DOVP
RBP
CBP
VOV = VBP + VDOVP
+
VO
LinkSwitch-TN2
D
S
FB
BP
+
PI-8025-092616
VOV = (VVR3 + VD3 + VBE(Q3) – VBP + VR3) × n + VDS(ON)
*R3 limits the current into the FEEDBACK pin.
A maximum current of 120% of IFBSD is
recommended.
**R4 is a pull-down resistor for Q3 to avoid
inadvertant triggering. 2 kΩ is a typical starting point
R3*
VR3
n:1
R4**
cBP
Q3
D3
VBUS
+
T1
n:1
Figure 6. Non-Isolated Flyback Converter with Output Overvoltage Protection.
Figure 7. Line-Sensing for Overvoltage Protection by using FEEDBACK Pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com