Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMBT8099 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CMBT8099
Description  NPN SILICON PLANAR EPITAXIAL TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CMBT8099 Datasheet(HTML) 1 Page - Continental Device India Limited

  CMBT8099 Datasheet HTML 1Page - Continental Device India Limited CMBT8099 Datasheet HTML 2Page - Continental Device India Limited CMBT8099 Datasheet HTML 3Page - Continental Device India Limited CMBT8099 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
CMBT8098
CMBT8099
SOT-23
Formed SMD Package
Marking
CMBT8098- KA
CMBT8099- KB
ABSOLUTE MAXIMUM RATING
DESCRIPTION
SYMBOL
CMBT8098
UNITS
Collector Base Voltage
VCBO
60
80
V
Collector Emitter Voltage
VCEO
60
80
V
Emitter Base Voltage
VEBO
6.0
V
Collector Current Continuous
IC
500
mA
Power Dissipation Ta=25ºC (Note1)
PD
225
mW
Derate Above 25ºC
1.8
mW/ºC
Power Dissipation Ta=25ºC (Note2)
PD
300
mW
Derate Above 25ºC
2.4
mW/ºC
Operating And Storage Junction
Temperature Range
Thermal Resistance
Junction to Ambient (Note1)
Rth(j-a)
556
ºC/W
Junction to Ambient (Note2)
Rth(j-a)
417
ºC/W
Note (1) FR-5 Board=25.4 x 19.05 x 1.58 mm (1.0 x 0.75 x 0.062 inches.)
Note (2) Alumina Substrate=10.16 x 7.62 x 0.61 mm (0.4 x 0.3 x 0.024 inches.) 99.5% alumina.
ELECTRICAL CHARACTERISTICS (Ta=25º C unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNITS
Collector Base Voltage
VCBO
IC=100µA, IE=0
CMBT8098
60
V
CMBT8099
80
V
Collector Emitter Voltage
VCEO
IC=10mA, IB=0
CMBT8098
60
V
CMBT8099
80
V
Emitter Base Voltage
VEBO
IE=10µA, IC=0
6.0
V
Collector Cut Off Current
ICES
VCE=60V, IB=0
0.1
µA
Collector Cut Off Current
ICBO
CMBT8098
VCB=60V, IE=0
0.1
µA
CMBT8099
VCB=80V, IE=0
0.1
µA
Emitter Cut Off Current
IEBO
VEB=6V, IC=0
0.1
µA
CMBT8099
Tj,Tstg
- 55 to +150
ºC
PIN CONFIGURATION (NPN)
1 = BASE
2 = EMITTER
3 = COLLECTOR
2
1
3
Continental Device India Limited
Data Sheet
Page 1 of 4
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - CMBT8099

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CMBT8050 CDIL-CMBT8050 Datasheet
175Kb / 3P
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
CMBT8050C CDIL-CMBT8050C Datasheet
175Kb / 3P
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
CMBT8050D CDIL-CMBT8050D Datasheet
175Kb / 3P
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
CMBT8050E CDIL-CMBT8050E Datasheet
175Kb / 3P
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
More results

Similar Description - CMBT8099

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CTN368 CDIL-CTN368 Datasheet
150Kb / 3P
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Guangdong Kexin Industr...
2SC4505 KEXIN-2SC4505 Datasheet
51Kb / 2P
NPN Epitaxial Planar Silicon Transistors
2SC4132 KEXIN-2SC4132 Datasheet
49Kb / 1P
NPN Epitaxial Planar Silicon Transistors
logo
SEMTECH ELECTRONICS LTD...
MMBTA14 SEMTECH_ELEC-MMBTA14 Datasheet
129Kb / 2P
NPN Silicon Epitaxial Planar Transistors
BC817W SEMTECH_ELEC-BC817W Datasheet
264Kb / 4P
NPN Silicon Epitaxial Planar Transistors
MPSA13 SEMTECH_ELEC-MPSA13 Datasheet
130Kb / 1P
NPN Silicon Epitaxial Planar Transistors
logo
Rectron Semiconductor
BC546 RECTRON-BC546 Datasheet
93Kb / 3P
NPN Silicon Planar Epitaxial Transistors
logo
Continental Device Indi...
CN652 CDIL-CN652 Datasheet
146Kb / 5P
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
MPSA42 CDIL-MPSA42 Datasheet
195Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTORS
MPS8098 CDIL-MPS8098 Datasheet
258Kb / 4P
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com