Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFS5174F Datasheet(PDF) 4 Page - Power Integrations, Inc.

Part # PFS5174F
Description  PFC Controller with Integrated 750 V PowiGaN Optimized for High PF and Efficiency Across Load Range
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

PFS5174F Datasheet(HTML) 4 Page - Power Integrations, Inc.

  PFS5174F Datasheet HTML 1Page - Power Integrations, Inc. PFS5174F Datasheet HTML 2Page - Power Integrations, Inc. PFS5174F Datasheet HTML 3Page - Power Integrations, Inc. PFS5174F Datasheet HTML 4Page - Power Integrations, Inc. PFS5174F Datasheet HTML 5Page - Power Integrations, Inc. PFS5174F Datasheet HTML 6Page - Power Integrations, Inc. PFS5174F Datasheet HTML 7Page - Power Integrations, Inc. PFS5174F Datasheet HTML 8Page - Power Integrations, Inc. PFS5174F Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
Rev. C 03/22
4
PFS5173-5178/5274
www.power.com
SOURCE (S) Pin (Pin 21)
This pin is the source connection for the power switch as well as the
negative bulk capacitor terminal connection.
DRAIN (D) Pin (Pin 28)
This is the drain connection for the internal power switch.
SOURCE (S) Exposed Pad
The exposed pad is the source connection for the power switch as
well as the negative bulk capacitor terminal connection. It also
provides a thermal path for cooling of the power switch.
Figure 4. Pin Configuration.
5 C
4 V
2 G
14 VCC
13 G
12 VDR
11 REF
10 VPP
9 PS
8 PGT
7 PG
6 FB
3 T
1 VS
D1 15
D1 16
D2 18
D2 19
S 21
D 28
PI-9289-100121



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com