Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFS5174F Datasheet(PDF) 5 Page - Power Integrations, Inc.

Part # PFS5174F
Description  PFC Controller with Integrated 750 V PowiGaN Optimized for High PF and Efficiency Across Load Range
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

PFS5174F Datasheet(HTML) 5 Page - Power Integrations, Inc.

  PFS5174F Datasheet HTML 1Page - Power Integrations, Inc. PFS5174F Datasheet HTML 2Page - Power Integrations, Inc. PFS5174F Datasheet HTML 3Page - Power Integrations, Inc. PFS5174F Datasheet HTML 4Page - Power Integrations, Inc. PFS5174F Datasheet HTML 5Page - Power Integrations, Inc. PFS5174F Datasheet HTML 6Page - Power Integrations, Inc. PFS5174F Datasheet HTML 7Page - Power Integrations, Inc. PFS5174F Datasheet HTML 8Page - Power Integrations, Inc. PFS5174F Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
Rev. C 03/22
5
PFS5173-5178/5274
www.power.com
Functional Description
The HiperPFS-5 family are variable switching frequency boost PFC
devices. It employs a constant amp-second on-time and constant
volt-second off-time control algorithm. This algorithm is used to
regulate the output voltage and shape the input current to comply
with regulatory harmonic current limits and (high power factor).
Integrating the switch current and controlling it to have a constant
amp-second product over the on-time of the switch allows the
average input current to follow the input voltage. Integrating the
difference between the output and input voltage maintains a constant
volt-second balance dictated by the electro-magnetic properties of
the boost inductor and thus regulates the output voltage and power.
More specifically, the controller sets a constant value of charge
delivered during each on-cycle of the PowiGaN switch. The charge
per cycle is altered gradually over many switching cycles in response
to load changes so it can be considered constant across a given half
line cycle. With this constant charge (or amp-second) control, the
following relationship is therefore also true:
I
IN × tON = K2 (1)
The control technique also sets constant volt-second for the off-time
(t
OFF). The off-time is controlled such that:
(V
O – VIN) × tOFF = K1 (2)
Since the volt-seconds during the on-time must equal the volt-second
during the off-time, to maintain flux equilibrium in the PFC choke, the
on-time (t
ON) is controlled such that:
V
IN × tON = K1 (3)
Substituting t
ON from (3) into (1) gives:
I
IN = VIN × K2/K1 (4)
The relationship of (4) demonstrates that by controlling a constant
amp-second on-time and constant volt-second off-time, the input
current I
IN is proportional to the input voltage VIN, satisfying the
fundamental requirement for power factor correction.
At the end of volt-second integration for the off-time, the control
engine waits for the valley of the Drain voltage, and turns on the
PowiGaN at the minimum of the valley. In order to compensate for
this delay, the HiperPFS-5 IC also measures the difference between
desired OFF-time (controlled by volt-second integration) and actual
OFF-time (synchronized with Drain voltage valley). The control
engine then adjusts the next On-time period to account for this
difference. This valley correction ensures the same average current
in each switching cycle.
This control produces a discontinuous mode power-switch current
waveform (during normal operation) that varies both in frequency and
peak current value across a line half-cycle to produce an input current
proportional to the input voltage.
Control Engine
The controller features a low bandwidth, high gain OTA error-amplifier
of the non-inverting terminal of which is connected to an internal
voltage reference of 3.85 V. The inverting terminal of the error-
amplifier is fed from the external FEEDBACK pin which connects to
the output voltage divider network with a divider ratio of 3.85:400 to
regulate the output voltage to 400 V (nominal). The FEEDBACK pin
connects directly to the divider network to ensure fast transient load
response.
The difference between the input and output voltage is derived
internally, and the result is scaled, integrated, and compared to a
voltage reference (V
OFF) to determine the point of off-time
termination. The controller delays this request and terminates the
off-time at a point to coincide with the nearest valley of the ring on
the drain voltage.
The internally sensed FET switch current is scaled by the input-
voltage peak detector current-sense gain (M
ON) then integrated and
compared with the error-amplifier signal (V
E) to determine the
on-time termination point. The valley correction block adjusts this to
compensate for the delay imposed by the valley switching adjustment
in the off-time.
Line Feed-Forward Scaling Factor (MON) and PF Enhancer
The VOLTAGE MONITOR (V) pin voltage is sampled and converted by
a ∆-Σ ADC to a quantized digital value. A digital line-cycle peak
detector, with dynamic time constants and multi-cycle filtering,
derives and averages the peak of the input line voltage. This peak is
used internally to scale the gain of the current sense signal through
the M
ON variable. This contribution is required to reduce the dynamic
range of the control feedback signal as well as flatten the loop gain
over the operating input line voltage. The line-sense feed-forward
gain adjustment is proportional to the square of the peak rectified AC
line voltage and is adjusted as a function of the VOLTAGE MONITOR
pin voltage.
At high-line and light load, the feed-forward M
ON variable is
dynamically adjusted across the line cycle in order to compensate for
the line current distortion caused by the EMI filter and full bridge
network, and improve power factor.
The line-sense feed-forward gain is also important in providing a
switch power limit over the input line range.
Beyond the specified maximum power rating of the device, the
internal power limit will regulate the output voltage below the set
regulation threshold as a function of output overload to maintain
constant output power.
IS dt
VERR
VOFF
(VO – VIN)dt
Latch
RESET
Latch
SET
Gate
Drive (Q)
Maximum
ON-time
Minimum
OFF-time
Timing
Supervisor
Valley Synchronization
In a normal operation, the PowiGaN switch is turned-on at the valley
of the drain voltage of the PowiGaN power switch. The Valley
Synchronisation Block ensures turn-on in the valley to minimize
turn-on losses.
The voltage measured across the auxiliary (sense) winding of the PFC
inductor is connected to the VALLEY SENSING VS pin through an
external resistor. This voltage of auxiliary (sense) winding of the PFC
inductor represents the difference between of the voltage on the
drain of the PowiGaN switch and the rectified voltage. The valleys of
this voltage coincide with valleys of the voltage on the drain of the
PowiGaN switch.
Figure 5. Idealized Converter Waveforms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com