Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFS7523 Datasheet(PDF) 2 Page - Power Integrations, Inc.

Part # PFS7523
Description  PFC Controller with Integrated High-Voltage MOSFET and Qspeed Diode Optimized for High PF and Efficiency Across Load Range
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

PFS7523 Datasheet(HTML) 2 Page - Power Integrations, Inc.

  PFS7523 Datasheet HTML 1Page - Power Integrations, Inc. PFS7523 Datasheet HTML 2Page - Power Integrations, Inc. PFS7523 Datasheet HTML 3Page - Power Integrations, Inc. PFS7523 Datasheet HTML 4Page - Power Integrations, Inc. PFS7523 Datasheet HTML 5Page - Power Integrations, Inc. PFS7523 Datasheet HTML 6Page - Power Integrations, Inc. PFS7523 Datasheet HTML 7Page - Power Integrations, Inc. PFS7523 Datasheet HTML 8Page - Power Integrations, Inc. PFS7523 Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
Rev. A 06/15
2
PFS7523-7529/7533-7539
www.power.com
Description
The HiperPFS™-3 devices incorporate a continuous conduction mode
(CCM) boost PFC controller, gate driver, ultra-low reverse recovery
(Qspeed™) diode and high-voltage power MOSFET in a single,
low-profile (GROUND pin connected) power package. HiperPFS-3
devices eliminate the PFC converter’s need for external current sense
resistors and the associated power loss, and use an innovative control
technique that adjusts the switching frequency over output load,
input line voltage, and even input line cycle.
This control technique maximizes efficiency over the entire load range
of the converter, particularly at light loads. Additionally, it significant-
ly minimizes the EMI filtering requirements due to its wide bandwidth
spread spectrum effect. The HiperPFS-3 uses advanced digital
techniques for line monitoring functions, line feed-forward scaling, and
power factor enhancement, while using analog techniques for the
core controller in order to maintain extremely low no-load power
consumption. The HiperPFS-3 also features an integrated non-linear
error amplifier for enhanced load transient response, a user program-
mable Power Good (PG) signal as well as user selectable power limit
functionality. HiperPFS-3 includes Power Integrations’ standard set of
comprehensive protection features, such as integrated UV, OV,
brown-in/out, and hysteretic thermal shutdown. HiperPFS-3 also
provides cycle-by-cycle current limit and Safe Operating Area (SOA)
protection of the power MOSFET, power limiting of the output for
overload protection, and pin-to-pin short-circuit protection.
HiperPFS-3’s innovative variable frequency continuous conduction
mode operation (VF-CCM) minimizes switching losses by maintaining
a low average switching frequency, while modulating the switching
frequency in order to suppress EMI, the traditional challenge with
continuous conduction mode solutions. Systems using HiperPFS-3
typically reduce the total X and Y capacitance requirements of the
converter, the inductance of both the boost choke and EMI noise
suppression chokes, thereby reducing overall system size and cost.
Additionally, HiperPFS-3 devices dramatically reduce component count
and board footprint while simplifying system design and enhancing
reliability, when compared with designs that use discrete MOSFETs
and controllers. The innovative variable frequency, continuous
conduction mode controller enables the HiperPFS-3 to realize all of
the benefits of continuous conduction mode operation while leverag-
ing low-cost, small, simple EMI filters.
Many regions mandate high power factor for many electronic
products with high power requirements. These rules are combined
with numerous application-specific standards that require high power
supply efficiency across the entire load range, from full load to as low
as 10% load. High efficiency at light load is a challenge for traditional
PFC solutions in which fixed MOSFET switching frequencies cause
fixed switching losses on each cycle, even at light loads. In addition
to featuring relatively flat efficiency across the load range, HiperPFS-3
also enables high power factor of >0.92 at 20% load. HiperPFS-3
simplifies compliance with new and emerging energy-efficiency
standards over a broad market space in applications such as PCs, LCD
TVs, notebooks, appliances, pumps, motors, fans, printers and LED
lighting.
HiperPFS-3’s advanced power packaging technology and high
efficiency simplify the complexity of mounting the IC and thermal
management, while providing very high power capabilities in a single
compact package; these devices are suitable for PFC applications
from 75 W to 900 W.
Product Highlights
Protected Power Factor Correction Solution
Incorporates high-voltage power MOSFET, ultra-low reverse
recovery loss Qspeed diode, controller and gate driver.
EN61000-3-2 Class C and Class D compliance.
Integrated protection features reduce external component count.
Accurate built-in brown-in/out protection.
Accurate built-in undervoltage (UV) protection.
Accurate built-in overvoltage (OV) protection.
Hysteretic thermal shutdown (OTP).
Internal power limiting function for overload protection.
Cycle-by-cycle power switch current limit.
Internal non-linear error amplifier for enhanced load transient
response.
No external current sense resistor required.
Provides ‘lossless’ internal sensing via sense-FET.
Reduces component count and system losses.
Minimizes high current gate drive loop area.
Minimizes output overshoot and stresses during start-up
Integrated power limit.
Improved dynamic response.
Digitally controlled input line feed-forward gain adjustment for
flattened loop gain across entire input voltage range.
Eliminates up to 40 discrete components for higher reliability and
lower cost.
Solution for High Efficiency, Low EMI and High PF
Continuous conduction mode PFC uses novel constant amp-second
[on-time] volt-second [off-time] control engine.
High efficiency across load.
High power factor across load.
Low cost EMI filter.
Frequency sliding technique for light load efficiency improvements.
>95% efficiency from 10% load to full load achievable at
nominal input voltages.
Variable switching frequency to simplify EMI filter design.
Varies over line input voltage to maximize efficiency and
minimize EMI filter requirements.
Varies with input line cycle voltage by >60 kHz to maximize
spread spectrum effect.
Advanced Package for High Power Applications
Up to 450 W [universal], 1 kW [high-line only] peak output power
capability in a highly compact package.
Simple adhesive or clip mounting to heat sink.
No insulation pad required and can be directly connected to heat
sink.
Staggered pin arrangement for simple routing of board traces and
high-voltage creepage requirements.
Single package solution for PFC converter reduces assembly costs
and layout size.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com