Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFS7523 Datasheet(PDF) 1 Page - Power Integrations, Inc.

Part # PFS7523
Description  PFC Controller with Integrated High-Voltage MOSFET and Qspeed Diode Optimized for High PF and Efficiency Across Load Range
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

PFS7523 Datasheet(HTML) 1 Page - Power Integrations, Inc.

  PFS7523 Datasheet HTML 1Page - Power Integrations, Inc. PFS7523 Datasheet HTML 2Page - Power Integrations, Inc. PFS7523 Datasheet HTML 3Page - Power Integrations, Inc. PFS7523 Datasheet HTML 4Page - Power Integrations, Inc. PFS7523 Datasheet HTML 5Page - Power Integrations, Inc. PFS7523 Datasheet HTML 6Page - Power Integrations, Inc. PFS7523 Datasheet HTML 7Page - Power Integrations, Inc. PFS7523 Datasheet HTML 8Page - Power Integrations, Inc. PFS7523 Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
PFS7523-7529/7533-7539
HiperPFS-3 Family
www.power.com
June 2015
PFC Controller with Integrated High-Voltage MOSFET and Qspeed
Diode Optimized for High PF and Efficiency Across Load Range
Key Benefits
High efficiency and power factor across load range
>95% efficiency from 10% load to full load
<60 mW no-load consumption at 230 VAC
PF >0.92 easily achievable at 20% load
EN61000-3-2 Class C and D compliant
Highly integrated for smallest boost PFC form factor
Integrated controller, MOSFET and ultra-low reverse recovery loss
diode (Qspeed)
Packaging optimized for high volume production
Eliminates insulating pad/heat-spreader
Enhanced features
Programmable Power Good (PG) signal
User selectable power limit: Enables different HiperPFS-3 family
members to be tested in the same design for optimum device
selection
Integrated non-linear amplifier for fast output OV and UV
protection and transient response
Digital line peak detection that provides robust performance even
with distorted input voltage from UPS or generators
Digital power factor enhancer compensates for EMI filter and
bridge distortion, providing high-line PF >0.92 @ 20% load
Frequency adjusted over line voltage and each line cycle
Spread-spectrum across >60 kHz window simplifies EMI filtering
requirements
Lower boost inductance
Provides up to 450 W peak output power for universal
applications, 1 kW for high-line only applications
Protection features include: UVLO, UV, OV, OTP, brown-in/out,
cycle-by-cycle current limit and power limiting for overload
protection
Halogen free and RoHS compliant
Applications
PC
High-power adaptors
Printer
High-power LED lighting
LCD TV
Industrial and appliance
Video game consoles
Generic PFC converters
80 Plus™ Platinum
designs
Figure 1. Typical Application Schematic.
Output Power Table
Universal Input Devices
Product
Maximum Continuous
Output Power Rating at
90 VAC (Full Power Mode)
Peak Output Power
(Full Power Mode)
PFS7523L/H
110 W
120 W
PFS7524L/H
130 W
150 W
PFS7525L/H
185 W
205 W
PFS7526H
230 W
260 W
PFS7527H
290 W
320 W
PFS7528H
350 W
385 W
PFS7529H
405 W
450 W
High-Line Only Input Devices
Product
Maximum Continuous
Output Power Rating at
180 VAC (Full Power Mode)
Peak Output Power
(Full Power Mode)
PFS7533H
255 W
280 W
PFS7534H
315 W
350 W
PFS7535H
435 W
480 W
PFS7536H
550 W
610 W
PFS7537H
675 W
750 W
PFS7538H
810 W
900 W
PFS7539H
900 W
1000 W
Table 1. Output Power Table (See Table 2 on page 11 for Maximum Continuous
Output Power Ratings.)
This Product is Covered by Patents and/or Pending Patent Applications.
PI-7224-061615
AC
IN
DC
OUT
+
S
C
PGT
FB
VCC
PG
K
D
REF
G
V
CONTROL
HiperPFS-3
VCC
Figure 2. Package Options.
eSIP-16D (H Package)
eSIP-16G (L Package)


Similar Part No. - PFS7523

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
PFS7523-7529 POWERINT-PFS7523-7529 Datasheet
4Mb / 37P
PFC Controller with Integrated High-Voltage MOSFET and Qspeed
April 2025
PFS7523L POWERINT-PFS7523L Datasheet
4Mb / 37P
PFC Controller with Integrated High-Voltage MOSFET and Qspeed
April 2025
PFS7523L/H POWERINT-PFS7523L/H Datasheet
4Mb / 37P
PFC Controller with Integrated High-Voltage MOSFET and Qspeed
April 2025
PFS7523L/H POWERINT-PFS7523L/H Datasheet
4Mb / 37P
PFC Controller with Integrated High-Voltage MOSFET and Qspeed
April 2025
More results

Similar Description - PFS7523

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1603 ONSEMI-NCP1603 Datasheet
270Kb / 30P
PFC/PWM Combo Controller with Integrated High Voltage Startup and Standby Capability
April, 2006 ??Rev. 8
logo
Intersil Corporation
ISL6333 INTERSIL-ISL6333 Datasheet
1Mb / 40P
Three-Phase Buck PWM Controller with Integrated MOSFET Drivers and Light Load Efficiency Enhancements for Intel VR11.1 Applications
October 8, 2010
logo
Power Integrations, Inc...
PFS704 POWERINT-PFS704 Datasheet
3Mb / 30P
High Power PFC Controller with Integrated High-Voltage MOSFET
PFS7323 POWERINT-PFS7323 Datasheet
4Mb / 30P
High Power PFC Controller with Integrated High-Voltage MOSFET and Qspeed Diode
logo
Texas Instruments
UCC28064A TI1-UCC28064A Datasheet
4Mb / 57P
Natural Interleaving Transition-Mode PFC Controller with High Light-Load Efficiency
logo
Power Integrations, Inc...
PFS5173F POWERINT-PFS5173F Datasheet
1Mb / 25P
PFC Controller with Integrated 750 V PowiGaN Optimized for High PF and Efficiency Across Load Range
March 2022
PFS704 POWERINT-PFS704_V01 Datasheet
2Mb / 30P
High Power PFC Controller with Integrated High-Voltage MOSFET
June 2015
PFS7323 POWERINT-PFS7323_V01 Datasheet
3Mb / 30P
High Power PFC Controller with Integrated High-Voltage MOSFET and Qspeed™ Diode
June 2015
PFS7623C POWERINT-PFS7623C Datasheet
4Mb / 38P
PFC Controller with Integrated 600 V MOSFET and Diode Option Optimized for High PF and Efficiency Across Load Range
August 2020
logo
Texas Instruments
UCC25660 TI-UCC25660 Datasheet
2Mb / 64P
UCC25660 750-kHz Wide VIN/VOUT Range LLC Controller Optimized for Light-Load Efficiency
OCTOBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com